Electronic Components Datasheet Search
  English  ▼

X  

INA169NA/3K Datasheet(PDF) 18 Page - Texas Instruments

Part # INA169NA/3K
Description  INA1x9 High-Side Measurement Current Shunt Monitor
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA169NA/3K Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA169NA/3K Datasheet HTML 14Page - Texas Instruments INA169NA/3K Datasheet HTML 15Page - Texas Instruments INA169NA/3K Datasheet HTML 16Page - Texas Instruments INA169NA/3K Datasheet HTML 17Page - Texas Instruments INA169NA/3K Datasheet HTML 18Page - Texas Instruments INA169NA/3K Datasheet HTML 19Page - Texas Instruments INA169NA/3K Datasheet HTML 20Page - Texas Instruments INA169NA/3K Datasheet HTML 21Page - Texas Instruments INA169NA/3K Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
INA169
INA169
Other INA169s
––
––
1N4148
Digital I/O on the ADS7870 provides power to
select the desired INA169. Diodes prevent
output current of an
on INA169 from flowing
into an
off INA169.
REF
V+
V+
R
L
Serial
I/O
ADS7870
Clock
Divider
Oscillator
BUF
OUT
BUF
IN
REF
OUT
12-Bit
A/D
Converter
BUF
MUX
Digital
I/O
PGIA
5 V
Copyright © 2017, Texas Instruments Incorporated
18
INA139, INA169
SBOS181F – DECEMBER 2000 – REVISED FEBRUARY 2017
www.ti.com
Product Folder Links: INA139 INA169
Submit Documentation Feedback
Copyright © 2000–2017, Texas Instruments Incorporated
Typical Applications (continued)
8.2.6 Multiplexed Measurement Using Logic Signal for Power
Multiple loads can be measured as illustrated in Figure 18. In this configuration, each INA139 or INA169 device
is powered by the digital I/O from the ADS7870. Multiplex each device by switching the desired I/O on or off.
Figure 18. Multiplexed Measurement Using Logic Signal for Power
9 Power Supply Recommendations
The input circuitry of the INA139 can accurately measure beyond the power-supply voltage (V+). For example,
the V+ power supply can be 5 V, whereas the load power supply voltage is up to 40 V (or 60 V with the INA169).
However, the output voltage range of the OUT terminal is limited by the lesser of the two voltages (see the
Output Voltage Range section). TI recommends placing a 0.1-µF capacitor near the V+ pin on the INA139 or
INA169. Additional capacitance may be required for applications with noisy supply voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com