Electronic Components Datasheet Search
  English  ▼

X  

ISO7320CD Datasheet(PDF) 17 Page - Texas Instruments

Part # ISO7320CD
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CD Datasheet(HTML) 17 Page - Texas Instruments

Back Button ISO7320CD Datasheet HTML 13Page - Texas Instruments ISO7320CD Datasheet HTML 14Page - Texas Instruments ISO7320CD Datasheet HTML 15Page - Texas Instruments ISO7320CD Datasheet HTML 16Page - Texas Instruments ISO7320CD Datasheet HTML 17Page - Texas Instruments ISO7320CD Datasheet HTML 18Page - Texas Instruments ISO7320CD Datasheet HTML 19Page - Texas Instruments ISO7320CD Datasheet HTML 20Page - Texas Instruments ISO7320CD Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 27 page
background image
10 mils
10 mils
40 mils
FR-4
r ~ 4.5
Keep this
space free
from planes,
traces , pads,
and vias
Ground plane
Power plane
Low-speed traces
High-speed traces
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
www.ti.com
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
10 Power Supply Recommendations
To ensure reliable operation at all data rates and supply voltages, a 0.1 µF bypass capacitor is recommended at
input and output supply pins (VCC1 & VCC2). The capacitors should be placed as close to the supply pins as
possible. If only a single primary-side power supply is available in an application, isolated power can be
generated for the secondary-side with the help of a transformer driver such as Texas Instruments' SN6501. For
such applications, detailed power supply design and transformer selection recommendations are available in
SN6501 datasheet (SLLSEA0) .
11 Layout
11.1 PCB Material
For digital circuit boards operating below 150 Mbps, (or rise and fall times higher than 1 ns), and trace lengths of
up to 10 inches, use standard FR-4 epoxy-glass as PCB material. FR-4 (Flame Retardant 4) meets the
requirements of Underwriters Laboratories UL94-V0, and is preferred over cheaper alternatives due to its lower
dielectric losses at high frequencies, less moisture absorption, greater strength and stiffness, and its self-
extinguishing flammability-characteristics.
11.2 Layout Guidelines
A minimum of four layers is required to accomplish a low EMI PCB design (see Figure 20). Layer stacking should
be in the following order (top-to-bottom): high-speed signal layer, ground plane, power plane and low-frequency
signal layer.
•
Routing the high-speed traces on the top layer avoids the use of vias (and the introduction of their
inductances) and allows for clean interconnects between the isolator and the transmitter and receiver circuits
of the data link.
•
Placing a solid ground plane next to the high-speed signal layer establishes controlled impedance for
transmission line interconnects and provides an excellent low-inductance path for the return current flow.
•
Placing the power plane next to the ground plane creates additional high-frequency bypass capacitance of
approximately 100pF/in2.
•
Routing the slower speed control signals on the bottom layer allows for greater flexibility as these signal links
usually have margin to tolerate discontinuities such as vias.
If an additional supply voltage plane or signal layer is needed, add a second power / ground plane system to the
stack to keep it symmetrical. This makes the stack mechanically stable and prevents it from warping. Also the
power and ground plane of each power system can be placed closer together, thus increasing the high-frequency
bypass capacitance significantly.
For detailed layout recommendations, see Application Note SLLA284, Digital Isolator Design Guide.
11.3 Layout Example
Figure 20. Recommended Layer Stack
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com