Electronic Components Datasheet Search
  English  ▼

X  

ISO7320CD.B Datasheet(PDF) 2 Page - Texas Instruments

Part # ISO7320CD.B
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CD.B Datasheet(HTML) 2 Page - Texas Instruments

  ISO7320CD.B Datasheet HTML 1Page - Texas Instruments ISO7320CD.B Datasheet HTML 2Page - Texas Instruments ISO7320CD.B Datasheet HTML 3Page - Texas Instruments ISO7320CD.B Datasheet HTML 4Page - Texas Instruments ISO7320CD.B Datasheet HTML 5Page - Texas Instruments ISO7320CD.B Datasheet HTML 6Page - Texas Instruments ISO7320CD.B Datasheet HTML 7Page - Texas Instruments ISO7320CD.B Datasheet HTML 8Page - Texas Instruments ISO7320CD.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
www.ti.com
Table of Contents
8.2
Functional Block Diagram ....................................... 10
1
Features .................................................................. 1
8.3
Feature Description................................................. 11
2
Applications ........................................................... 1
8.4
Device Functional Modes........................................ 14
3
Description ............................................................. 1
9
Applications and Implementation ...................... 15
4
Revision History..................................................... 2
9.1
Application Information............................................ 15
5
Pin Configuration and Functions ......................... 3
9.2
Typical Application ................................................. 15
6
Specifications......................................................... 4
10
Power Supply Recommendations ..................... 17
6.1
Absolute Maximum Ratings ..................................... 4
11
Layout................................................................... 17
6.2
ESD Ratings.............................................................. 4
11.1
PCB Material ......................................................... 17
6.3
Recommended Operating Conditions ....................... 4
11.2
Layout Guidelines ................................................. 17
6.4
Thermal Information .................................................. 4
11.3
Layout Example .................................................... 17
6.5
Electrical Characteristics, 5 V ................................... 5
12
Device and Documentation Support ................. 18
6.6
Electrical Characteristics, 3.3 V ................................ 5
12.1
Related Links ........................................................ 18
6.7
Switching Characteristics, 5 V .................................. 6
12.2
Trademarks ........................................................... 18
6.8
Switching Characteristics, 3.3 V ............................... 6
12.3
Electrostatic Discharge Caution ............................ 18
6.9
Typical Characteristics .............................................. 7
12.4
Glossary ................................................................ 18
7
Parameter Measurement Information .................. 9
13
Mechanical, Packaging, and Orderable
8
Detailed Description ............................................ 10
Information ........................................................... 18
8.1
Overview ................................................................. 10
4 Revision History
Changes from Revision B (April 2015) to Revision C
Page
•
Added "and DINEN 61010-1" to the 4242 VPK in the Features ........................................................................................... 1
•
Deleted "(Approval Pending)" from the the CSA Component Acceptance list item in Features ........................................... 1
•
Changed From: VCC1 To: VCCI in Figure 11 ........................................................................................................................... 9
•
Changed From: VCC1 To: VCCI and From: VCC2 To: VCCO in Figure 13 .................................................................................. 9
•
Deleted IEC from the section title: Insulation and Safety-Related Specifications for D-8 Package .................................... 11
•
Changed the CTI Test Conditions in Insulation and Safety-Related Specifications for D-8 Package ................................ 11
•
Changed VISO Test Condition in the Insulation Characteristics table ................................................................................... 12
Changes from Revision A (March 2015) to Revision B
Page
•
Changed from device status From: Product Preview To: Production .................................................................................... 1
Changes from Original (January 2015) to Revision A
Page
•
Changed from First page only to the full datasheet. ............................................................................................................. 1
•
Changed VCC1 to VCCI, VCC2 to VCCO, GND1 to GNDI, GND2 to GND0 and added foot notes to the Simplified Schematic.. 1
2
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: ISO7320C ISO7320FC ISO7321C ISO7321FC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com