Electronic Components Datasheet Search
  English  ▼

X  

ISO7320CD.B Datasheet(PDF) 1 Page - Texas Instruments

Part # ISO7320CD.B
Description  ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7320CD.B Datasheet(HTML) 1 Page - Texas Instruments

  ISO7320CD.B Datasheet HTML 1Page - Texas Instruments ISO7320CD.B Datasheet HTML 2Page - Texas Instruments ISO7320CD.B Datasheet HTML 3Page - Texas Instruments ISO7320CD.B Datasheet HTML 4Page - Texas Instruments ISO7320CD.B Datasheet HTML 5Page - Texas Instruments ISO7320CD.B Datasheet HTML 6Page - Texas Instruments ISO7320CD.B Datasheet HTML 7Page - Texas Instruments ISO7320CD.B Datasheet HTML 8Page - Texas Instruments ISO7320CD.B Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
OUTx
GNDO
GNDI
INx
VCCO
VCCI
Isolation
Capacitor
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
ISO7320C, ISO7320FC, ISO7321C, ISO7321FC
SLLSEK8C – JANUARY 2015 – REVISED APRIL 2015
ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
1 Features
3 Description
ISO732x provide galvanic isolation up to 3000 VRMS
1
•
Signaling Rate: 25 Mbps
for 1 minute per UL and 4242 VPK per VDE. These
•
Integrated Noise Filter on the Inputs
devices have two isolated channels comprised of
•
Default Output 'High' and 'Low' Options
logic input and output buffers separated by silicon
dioxide (SiO2) insulation barriers. ISO7320 has both
•
Low Power Consumption: Typical ICC per Channel
channels in the same direction while ISO7321 has
at 1 Mbps:
the two channels in opposite direction. In case of
–
ISO7320: 1.2 mA (5 V Supplies),
input power or signal loss, default output is 'low' for
0.9 mA (3.3 V Supplies)
devices with suffix 'F' and 'high' for devices without
–
ISO7321: 1.7 mA (5 V Supplies),
suffix 'F'. See Device Functional Modes for further
details. Used in conjunction with isolated power
1.2 mA (3.3 V Supplies)
supplies, these devices prevent noise currents on a
•
Low Propagation Delay: 33 ns
data bus or other circuits from entering the local
Typical (5V Supplies)
ground and interfering with or damaging sensitive
•
3.3 V and 5 V Level Translation
circuitry. ISO732x have integrated noise filters for
•
Wide Temperature Range: –40°C to 125°C
harsh
industrial
environment
where
short
noise
pulses may be present at the device input pins.
•
65 KV/
μs Transient Immunity,
ISO732x have TTL input thresholds and operate from
Typical (5V Supplies)
3 V to 5.5 V supply levels. Through innovative chip
•
Robust Electromagnetic Compatibility (EMC)
design
and
layout
techniques,
electromagnetic
–
System-level ESD, EFT, and Surge Immunity
compatibility of ISO732x have been significantly
enhanced to enable system-level ESD, EFT, Surge
–
Low Emissions
and Emissions compliance.
•
Isolation Barrier Life: > 25 Years
•
Operates from 3.3 V and 5 V Supplies
Device Information(1)
•
Narrow Body SOIC-8 Package
PART NUMBER
PACKAGE
BODY SIZE (NOM)
ISO7320C
•
Safety and Regulatory Approvals:
ISO7320FC
–
4242 VPK Isolation per DIN V VDE V 0884-10
SOIC (8)
4,90mm x 3,91mm
ISO7321C
and DIN EN 61010-1
ISO7321FC
–
3000 VRMS Isolation for 1 minute per UL 1577
(1) For all available packages, see the orderable addendum at
–
CSA Component Acceptance Notice 5A, IEC
the end of the datasheet.
60950-1 and IEC 61010-1 Standards
–
CQC Certification per GB4943.1-2011
Simplified Schematic
2 Applications
•
Opto-Coupler Replacement in:
–
Industrial FieldBus
–
ProfiBus
–
ModBus
–
DeviceNet™ Data Buses
–
Servo Control Interface
(1)
VCCI and GNDI are supply and ground
connections
respectively
for
the
input
–
Motor Control
channels.
–
Power Supplies
(2)
VCCO and GNDO are supply and ground
–
Battery Packs
connections respectively for the output
channels.
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ISO7320CD.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320CD TI1-ISO7320CD Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320CDR TI1-ISO7320CDR Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
More results

Similar Description - ISO7320CD.B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7320 TI-ISO7320_15 Datasheet
1Mb / 26P
ISO732x Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7340C TI-ISO7340C_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7342FC TI-ISO7342FC_15 Datasheet
1Mb / 34P
ISO734x Robust EMC, Low Power, Quad-Channel Digital Isolators
ISO7320-Q1 TI-ISO7320-Q1 Datasheet
1Mb / 28P
ISO732x-Q1 Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7330C TI-ISO7330C Datasheet
1Mb / 26P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7330-Q1 TI-ISO7330-Q1 Datasheet
1Mb / 30P
Robust EMC, Low Power, Triple-Channel Digital Isolators
ISO7320C TI1-ISO7320C_15 Datasheet
1Mb / 26P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7320-Q1 TI1-ISO7320-Q1_16 Datasheet
1Mb / 28P
Robust EMC, Low Power, Dual-Channel Digital Isolators
ISO7340C TI1-ISO7340C Datasheet
1Mb / 37P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
ISO7340-Q1 TI1-ISO7340-Q1_16 Datasheet
1Mb / 35P
Robust EMC, Low-Power, Quad-Channel Reinforced Digital Isolators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com