Electronic Components Datasheet Search
  English  ▼

X  

ISO7520C Datasheet(PDF) 4 Page - Texas Instruments

Part # ISO7520C
Description  ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7520C Datasheet(HTML) 4 Page - Texas Instruments

  ISO7520C Datasheet HTML 1Page - Texas Instruments ISO7520C Datasheet HTML 2Page - Texas Instruments ISO7520C Datasheet HTML 3Page - Texas Instruments ISO7520C Datasheet HTML 4Page - Texas Instruments ISO7520C Datasheet HTML 5Page - Texas Instruments ISO7520C Datasheet HTML 6Page - Texas Instruments ISO7520C Datasheet HTML 7Page - Texas Instruments ISO7520C Datasheet HTML 8Page - Texas Instruments ISO7520C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
1
2
3
4
5
6
7
8
ISO7520C
9
10
11
12
13
14
15
16
OUTA
GND1
V
CC1
GND
INB
GND
GND
INA
OUTB
V
CC2
NC
NC
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
NC
INA
INB
OUTA
NC
OUTB
NC
NC
NC
NC
ISO7521C
1
2
2
GND1
GND1
GND2
GND2
GND2
V
CC1
V
CC2
ISO7520C, ISO7521C
SLLSE39E – JUNE 2010 – REVISED MAY 2015
www.ti.com
5 Pin Configuration and Functions
DW Package
16-Pin SOIC
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
ISO7520C
ISO7521C
GND1
1, 7
1, 7
—
Ground connection for VCC1
GND2
9, 16
9, 16
—
Ground connection for VCC2
INA
4
13
I
Input, channel A
INB
5
5
I
Input, channel B
NC
2, 6, 8, 10, 11, 15
2, 6, 8, 10, 11, 15
—
No internal connection
OUTA
13
4
O
Output, channel A
OUTB
12
12
O
Output, channel B
VCC1
3
3
—
Power supply, VCC1
VCC2
14
14
—
Power supply, VCC2
6 Specifications
6.1 Absolute Maximum Ratings
(1)
MIN
MAX
UNIT
VCC1, VCC2
Supply voltage(2)
–0.5
6
V
VI
Voltage at INx, OUTx
–0.5
VCC + 0.5
(3)
V
IO
Output Current
–15
15
mA
TJ
Maximum junction temperature
150
°C
Tstg
Storage temperature
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential I/O bus voltages are with respect to network ground terminal and are peak voltage values.
(3)
Maximum voltage must not exceed 6 V.
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)
±4000
V(ESD)
Electrostatic discharge
Charged-device model (CDM), per JEDEC specification JESD22-C101(2)
±1000
V
Machine model (MM)
±200
(1)
JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process.
(2)
JEDEC document JEP157 states that 250-V CDM allows safe manufacturing with a standard ESD control process.
4
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com