Electronic Components Datasheet Search
  English  ▼

X  

ISO7520C Datasheet(PDF) 7 Page - Texas Instruments

Part # ISO7520C
Description  ISO752xC Low-Power 5 kVRMS Dual-Channel Digital Isolators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO7520C Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO7520C Datasheet HTML 3Page - Texas Instruments ISO7520C Datasheet HTML 4Page - Texas Instruments ISO7520C Datasheet HTML 5Page - Texas Instruments ISO7520C Datasheet HTML 6Page - Texas Instruments ISO7520C Datasheet HTML 7Page - Texas Instruments ISO7520C Datasheet HTML 8Page - Texas Instruments ISO7520C Datasheet HTML 9Page - Texas Instruments ISO7520C Datasheet HTML 10Page - Texas Instruments ISO7520C Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ISO7520C, ISO7521C
www.ti.com
SLLSE39E – JUNE 2010 – REVISED MAY 2015
6.7 Electrical Characteristics: VCC1 at 3.3 V ± 5%, VCC2 at 5 V ± 5%
VCC1 at 3.3 V ±5%, VCC2 at 5 V ±5%, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ISO7520C/7521C (5-V side)
VCCO –0.8
4.6
IOH = –4 mA;
See Figure 4
VOH
High-level output voltage
ISO7521C (3.3-V side)
VCCO –0.4
3
V
IOH = –20 µA; See Figure 4
VCCO –0.1
VCCO
IOL = 4 mA; See Figure 4
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 µA; See Figure 4
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
INx at VCCI
10
µA
IIL
Low-level input current
INx at 0 V
–10
µA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; See Figure 6
25
40
kV/µs
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE-WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ISO7520C
ICC1
Supply current for VCC1
DC to 1 Mbps
VI = VCCI or 0 V, 15-pF load
0.2
0.7
mA
ICC2
Supply current for VCC2
DC to 1 Mbps
VI = VCCI or 0 V, 15-pF load
3
6
mA
ISO7521C
ICC1
Supply current for VCC1
DC to 1 Mbps
VI = VCCI or 0 V, 15-pF load
1.5
3.5
mA
ICC2
Supply current for VCC2
DC to 1 Mbps
VI = VCCI or 0 V, 15-pF load
2
4
mA
6.8 Electrical Characteristics: VCC1 and VCC2 at 3.3 V ± 5%
VCC1 and VCC2 at 3.3 V ±5%, TA = –40°C to 105°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOH = –4 mA; See Figure 4
VCCO –0.4
3
VOH
High-level output voltage
V
IOH = –20 µA; See Figure 4
VCCO –0.1
3.3
IOL = 4 mA; See Figure 4
0.2
0.4
VOL
Low-level output voltage
V
IOL = 20 µA; See Figure 4
0
0.1
VI(HYS)
Input threshold voltage hysteresis
400
mV
IIH
High-level input current
INx at VCCI
µA
IIL
Low-level input current
INx at 0 V
–10
µA
CMTI
Common-mode transient immunity
VI = VCCI or 0 V; See Figure 6
25
40
kV/µs
SUPPLY CURRENT (ALL INPUTS SWITCHING WITH SQUARE-WAVE CLOCK SIGNAL FOR DYNAMIC ICC MEASUREMENT)
ISO7520C
ICC1
Supply current for VCC1
DC to 1 Mbps VI = VCCI or 0 V, 15-pF load
0.2
0.7
mA
ICC2
Supply current for VCC2
DC to 1 Mbps VI = VCCI or 0 V, 15-pF load
2
4.5
mA
ISO7521C
ICC1
Supply current for VCC1
DC to 1 Mbps VI = VCCI or 0 V, 15-pF load
1.5
3.5
mA
ICC2
Supply current for VCC2
DC to 1 Mbps VI = VCCI or 0 V, 15-pF load
1.5
3.5
mA
6.9 Power Dissipation Characteristics
over operating free-air temperature range (unless otherwise noted)
ISO7520C, ISO7521C
PARAMETER
DW [SOIC]
UNIT
16 PINS
Device power dissipation, VCC1 = VCC2 = 5.25 V, TJ = 150°C,
PD
42
mW
CL = 15 pF, Input a 0.5 MHz 50% duty cycle square wave
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: ISO7520C ISO7521C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com