Electronic Components Datasheet Search
  English  ▼

X  

LM3017 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3017
Description  LM3017 High Efficiency Low-Side Controller With True Shutdown
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3017 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3017 Datasheet HTML 8Page - Texas Instruments LM3017 Datasheet HTML 9Page - Texas Instruments LM3017 Datasheet HTML 10Page - Texas Instruments LM3017 Datasheet HTML 11Page - Texas Instruments LM3017 Datasheet HTML 12Page - Texas Instruments LM3017 Datasheet HTML 13Page - Texas Instruments LM3017 Datasheet HTML 14Page - Texas Instruments LM3017 Datasheet HTML 15Page - Texas Instruments LM3017 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
12
LM3017
SNOSC66D – MARCH 2012 – REVISED SEPTEMBER 2016
www.ti.com
Product Folder Links: LM3017
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
7.3.6 Current Limit Protection
The LM3017 implements current limit protection by controlling the pass FET, Q2.
In boost mode the LM3017 features both cycle-by-cycle current limit and short-circuit protection. Unlike most
boost regulators, the LM3017 can protect itself from short circuits on the output by shutting off the pass FET. The
boost current limit, defined by VCL= 170 mV in Electrical Characteristics, turns off the boost FET for normal
overloads on a cycle-by-cycle basis. The current is limited to VCL / RSEN until the overload is removed. If the
output must be shorted, or otherwise pulled below VIN, the inductor current has a tendency to run-away. This is
prevented by the short-circuit protection feature, defined as VSC = 200 mV in Electrical Characteristics. When this
current limit is tripped, the current is limited to VSC / RSEN by controlling the pass FET. If the short persists for
TSC > 450 µs the pass FET is latched off. In this way, the current is limited to VSC / Rsen until the short is removed
or the time of TSC = 450 µs is completed. Pulling the EN/MODE pin low (< 0.4 V, typical) is required to reset this
short-circuit latch-off mode. The delay of TSC = 450 µs helps to prevent nuisance latch-off during a momentary
short on the output.
7.4 Device Functional Modes
7.4.1 Shutdown Mode
Pulling the EN/MODE pin to less than 0.4 V (typical), during any mode of operation, places the part in full
shutdown mode. The boost regulator and the pass FET is off and the load is disconnected from the input supply.
In this mode, the regulator draws a maximum of 1 µA from the input supply.
7.4.2 Boost Mode
The boost regulator can be turned on by bringing the EN/MODE pin to greater than 1.6 V, but less than 2.2 V.
This is the run mode for the boost regulator. Note that the LM3017 always starts in pass-through and transitions
to boost mode.
7.4.3 Standby Mode
Setting the EN/MODE pin to greater than 2.6 V (typical), places the part in pass-through mode. The boost
regulator is off and the pass MOSFET is on. During this mode, the load is connected to the input supply through
the inductor and power diode, and is fully protected from output short circuits.
7.4.4 Start-Up Boost Mode
During start-up in boost mode, peak inductor current may be higher compared to normal operation. To allow for
this, current limit levels and timing are different during start-up. The current limit is defined by VLIM2 = 100 mV
(typical) in Electrical Characteristics, for the first TLIM2 = 3.6 ms (typical). The current is limited to VLIM2 / RSEN, for
this period. Once the TLIM2 = 3.6 ms (typical) timer has finished, the current limit is increased to VSC = 200 mV
(typical). For the first TLIM2 = 3.6 ms (typical) of the start-up, the latch-off feature is not enabled; however, the
current is always limited to VLIM2 / RSEN. This allows the part to start up normally. If the current limit is still tripped
at the end of TLIM2 = 3.6 ms (typical) , the TSC = 900 µs (typical) timer is started. Once the TSC = 900 µs (typical)
time has expired, the pass FET (Q2) is latched off. This gives a total current-limited time of TSC + TLIM2 = 4.05 ms
(typical), in cases where the LM3017 is started into a short circuit at the output.
7.4.5 Pass-Through Mode
In pass-through mode the power path is protected from shorts and overloads by the current limit defined as
VLIM1 = 85 mV (typical) in Electrical Characteristics. When this current limit is tripped, the current is limited to
VLIM1 / RSEN by controlling the pass FET. If the short persists for TLIM1 > 900 µs (typical) the pass FET (Q2) is
latched off. In this way, the current is limited to VLIM1 / RSEN until the short is removed or the time of
TLIM1 = 900 µs (typical) is completed. Pulling the EN/MODE pin low (0.4 V, typical) is required to reset this latch-
off mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com