Electronic Components Datasheet Search
  English  ▼

X  

LM3445 Datasheet(PDF) 17 Page - Texas Instruments

Part # LM3445
Description  LM3445 TRIAC Dimmable Offline LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3445 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3445 Datasheet HTML 13Page - Texas Instruments LM3445 Datasheet HTML 14Page - Texas Instruments LM3445 Datasheet HTML 15Page - Texas Instruments LM3445 Datasheet HTML 16Page - Texas Instruments LM3445 Datasheet HTML 17Page - Texas Instruments LM3445 Datasheet HTML 18Page - Texas Instruments LM3445 Datasheet HTML 19Page - Texas Instruments LM3445 Datasheet HTML 20Page - Texas Instruments LM3445 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
t
tOFF
tON
IL2 (t)
IAVE
IL2-PK
'iL
IL2-MIN
= D =
tON
tON + tOFF
= tON x fSW
VO
VIN
LM3445
www.ti.com
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
Feature Description (continued)
7.3.13 Overview of Constant Off-Time Control
A buck converter’s conversion ratio is defined using Equation 3.
(3)
Constant off-time control architecture operates by simply defining the off-time and allowing the on-time, and
therefore the switching frequency, to vary as either VIN or VO changes. The output voltage is equal to the LED
string voltage (VLED), and should not change significantly for a given application. The input voltage or VBUCK in
this analysis will vary as the input line varies. The length of the on-time is determined by the sensed inductor
current through a resistor to a voltage reference at a comparator. During the on-time, denoted by tON, MOSFET
switch Q2 is on causing the inductor current to increase. During the on-time, current flows from VBUCK, through
the LEDs, through L2, Q2, and finally through R3 to ground. At some point in time, the inductor current reaches a
maximum (IL2-PK) determined by the voltage sensed at R3 and the ISNS pin. This sensed voltage across R3 is
compared against the voltage of dim decoder output, FLTR2, at which point Q2 is turned off by the controller.
Figure 19. Inductor Current Waveform in CCM
During the off-period denoted by tOFF, the current through L2 continues to flow through the LEDs via D10.
7.3.14 Master/Slave Operation
Multiple LM3445s can be configured so that large strings of LEDs can be controlled by a single TRIAC dimmer.
By doing so, smooth consistent dimming for multiple LED circuits is achieved.
When the FLTR1 pin is tied above 4.9 V (typical), preferably to VCC, the ramp comparator is tri-stated, disabling
the dim decoder. This allows one or more LM3445 devices or PWM LED driver devices (slaves) to be controlled
by a single LM3445 (master) by connecting their DIM pins together.
7.3.15 Master/Slave Configuration
TI offers an LM3445 demonstration PCB for customer evaluation through our website. The following description
and theory uses reference designators that follow our evaluation PCB. The LM3445 Master/Slave schematics are
illustrated below (Figure 20 through Figure 22) for clarity. Each board contains a separate circuit for the Master
and Slave function. Both the Master and Slave boards will need to be modified from their original stand alone
function so that they can be coupled together. Only the Master LM3445 requires use of the Master/Slave circuit
for any number of slaves.
7.3.16 Master Board Modifications
•
Remove R10 and replace with a BAS40 diode
•
Connect TP18 to TP14 (VCC)
•
Connect TP17 (gate of Q5) to TP15 (gate of Q2)
7.3.17 Slave Board Modifications
•
Remove R11 (disconnects BLDR)
Copyright © 2009–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com