Electronic Components Datasheet Search
  English  ▼

X  

LM3445 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM3445
Description  LM3445 TRIAC Dimmable Offline LED Driver
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3445 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3445 Datasheet HTML 2Page - Texas Instruments LM3445 Datasheet HTML 3Page - Texas Instruments LM3445 Datasheet HTML 4Page - Texas Instruments LM3445 Datasheet HTML 5Page - Texas Instruments LM3445 Datasheet HTML 6Page - Texas Instruments LM3445 Datasheet HTML 7Page - Texas Instruments LM3445 Datasheet HTML 8Page - Texas Instruments LM3445 Datasheet HTML 9Page - Texas Instruments LM3445 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
8.0
7.5
7.0
6.5
6.0
-50
-25
0
25
50
75
100 125 150
UVLO (VCC) Rising
UVLO (VCC) Falling
TEMPERATURE (°C)
300
280
260
240
220
200
-50
-25
0
25
50
75
100 125 150
TEMPERATURE (°C)
LINE VOLTAGE (VAC)
300k
250k
200k
150k
100k
50k
0
80
90
100
110
120
130
140
C11 = 2.2 nF, R3 = 348 k:
7 LEDs in Series (VO = 24.5V)
LINE VOLTAGE (VAC)
95.0
90.0
85.0
80.0
75.0
80
90
100
110
120
130
140
14 Series connected LEDs
10 Series connected LEDs
LM3445
SNVS570M – JANUARY 2009 – REVISED NOVEMBER 2015
www.ti.com
Electrical Characteristics (continued)
All Typical limits are for TJ = 25°C and all Maximum and Minimum limits apply over the full Operating Temperature Range ( TJ
=
−40°C to +125°C). Minimum and Maximum limits are specified through test, design, or statistical correlation. Typical values
represent the most likely parametric norm at TJ = +25ºC, and are provided for reference purposes only.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Rise time
Cload = 1 nF
15
tDV
ns
Fall time
Cload = 1 nF
15
THERMAL SHUTDOWN
Thermal shutdown temperature
165
TSD
See (1)
°C
Thermal shutdown hysteresis
20
(1)
Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power
dissipation exists, special care must be paid to thermal dissipation issues in board design. In applications where high power dissipation
and/or poor package thermal resistance is present, the maximum ambient temperature may have to be derated. Maximum ambient
temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125°C), the maximum power dissipation
of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (RθJA), as
given by the following equation: TA-MAX = TJ-MAX-OP – (RθJA × PD-MAX).
6.6 Typical Characteristics
Figure 1. fSW vs Input Line Voltage
Figure 2. Efficiency vs Input Line Voltage
Figure 3. BLDR Resistor vs Temperature
Figure 4. VCC UVLO vs Temperature
6
Submit Documentation Feedback
Copyright © 2009–2015, Texas Instruments Incorporated
Product Folder Links: LM3445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com