Electronic Components Datasheet Search
  English  ▼

X  

LM3477 Datasheet(PDF) 7 Page - Texas Instruments

Part # LM3477
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477 Datasheet(HTML) 7 Page - Texas Instruments

Back Button LM3477 Datasheet HTML 3Page - Texas Instruments LM3477 Datasheet HTML 4Page - Texas Instruments LM3477 Datasheet HTML 5Page - Texas Instruments LM3477 Datasheet HTML 6Page - Texas Instruments LM3477 Datasheet HTML 7Page - Texas Instruments LM3477 Datasheet HTML 8Page - Texas Instruments LM3477 Datasheet HTML 9Page - Texas Instruments LM3477 Datasheet HTML 10Page - Texas Instruments LM3477 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
120
130
140
150
-40
0
40
80
120
Temperature (
RC)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
LM3477
LM3477A
LOAD (A)
LM3477
LM3477A
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
LOAD (A)
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
LM3477
LM3477A
LOAD (A)
LM3477
www.ti.com
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
Typical Performance Characteristics (continued)
Unless otherwise specified, VIN = 12V, TJ = 25°C.
Efficiency vs Load Current (VIN = 24V, VOUT = 12V)
Efficiency vs Load Current (VIN = 5V, OUT = 3.3V)
Figure 9.
Figure 10.
Efficiency vs Load Current (VIN = 12V, VOUT = 3.3V)
Error Amplifier Gain
Figure 11.
Figure 12.
Error Amplifier Phase Shift
COMP Pin Source Current vs Temperature
Figure 13.
Figure 14.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com