Electronic Components Datasheet Search
  English  ▼

X  

LM3477 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM3477
Description  LM3477 High Efficiency High-Side N-Channel Controller for Switching Regulator
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3477 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM3477 Datasheet HTML 8Page - Texas Instruments LM3477 Datasheet HTML 9Page - Texas Instruments LM3477 Datasheet HTML 10Page - Texas Instruments LM3477 Datasheet HTML 11Page - Texas Instruments LM3477 Datasheet HTML 12Page - Texas Instruments LM3477 Datasheet HTML 13Page - Texas Instruments LM3477 Datasheet HTML 14Page - Texas Instruments LM3477 Datasheet HTML 15Page - Texas Instruments LM3477 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
+
-
ISEN
DR
Q
Q
R
S
RSL = 0 (nominal)
VIN
LM3477
RSN
L
Q
D
COUT
VOUT
I0
I1
I2
VC
VSEN
Se
Sn
Sf
PWM Comparator
PWM Comparator
Waveforms
Time
VC
VIN (V)
VFB (V)
7.2V
OVP
(1.315V)
1.265V
t
t
xxxxx
LM3477
SNVS141K – OCTOBER 2000 – REVISED MARCH 2013
www.ti.com
The Feedback Voltage Experiences an Oscillation if the Input Voltage Crosses the 7.2V Internal Bias Threshold
Figure 21.
DEFAULT/ADJUSTABLE SLOPE COMPENSATION
The LM3477/A uses a current mode control scheme. There are many advantages in a current mode architecture
including inherent cycle-by-cycle current limiting and simple compensation of the control loop. However, there are
consequences to using current mode control that one must be aware of while selecting circuit components. One
of these consequences is the inherent possibility of subharmonic oscillations in the inductor current. This is a
form of instability and should be avoided.
Figure 22. The Current Sensing Loop and Corresponding Waveforms
As a brief explanation, consider Figure 22. A lot of information is shown here. The top portion shows a schematic
of the current sensing loop. The bottom portion shows the pulse width modulation (PWM) comparator waveforms
for two switching cycles. The two solid waveforms shown are the waveforms compared at the internal pulse width
modulator, used to generate the MOSFET drive signal. The top waveform with the slope Se is the internally
generated control waveform VC. The bottom waveform with slopes Sn and Sf is the sensed inductor current
waveform VSEN. These signals are compared at the PWM comparator. There is a feedback loop involved here.
The inductor current is sensed and fed back to the PWM comparator, where it is compared to VC. The output of
the comparator in combination with the R/S latch determine if the MOSFET is on or off, which effectively controls
the amount of current the inductor receives. While VC is higher than VSEN, the PWM comparator outputs a high
signal, driving the external power MOSFET on. When MOSFET is on, the inductor current rises at a constant
slope, generating the sensed voltage VSEN. When VSEN equals VC, the PWM comparator signals to drive the
MOSFET off, and the sensed inductor current decreases with a slope Sf. The process begins again when RS
latch is set by an internal oscillator.
12
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM3477



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com