Electronic Components Datasheet Search
  English  ▼

X  

LM77 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM77
Description  LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM77 Datasheet(HTML) 4 Page - Texas Instruments

  LM77 Datasheet HTML 1Page - Texas Instruments LM77 Datasheet HTML 2Page - Texas Instruments LM77 Datasheet HTML 3Page - Texas Instruments LM77 Datasheet HTML 4Page - Texas Instruments LM77 Datasheet HTML 5Page - Texas Instruments LM77 Datasheet HTML 6Page - Texas Instruments LM77 Datasheet HTML 7Page - Texas Instruments LM77 Datasheet HTML 8Page - Texas Instruments LM77 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
LM77
SNIS103F – JUNE 1999 – REVISED MARCH 2013
www.ti.com
Temperature-to-Digital Converter Characteristics
Unless otherwise noted, these specifications apply for +VS=+5 Vdc ±10% for LM77CIM-5, LM77CIMM-5 and +VS=+3.3 Vdc
±10% for LM77CIM-3, LM77CIMM-3
(1). Boldface limits apply for T
A = TJ = TMIN to TMAX; all other limits TA= TJ=+25°C,
unless otherwise noted.
Units
Parameter
Test Conditions
Typical(2)
Limits(3)
(Limit)
Accuracy
TA = −10°C to +65°C
±1.5
TA = −25°C to +100°C
±2.0
°C (max)
TA = −55°C to +125°C
±3.0
Resolution
See(4)
10
Bits
0.5
°C
Temperature Conversion Time
See(5)
70
125
ms
Quiescent Current
I2C Inactive
0.25
mA
I2C Active
0.25
0.5
mA (max)
Shutdown Mode
5
10
μA
THYST Default Temperature
See(6)(7)
2
°C
TLOW Default Temperature
See(7)
10
°C
THIGH Default Temperature
See(7)
64
°C
TC Default Temperature
See(7)
80
°C
(1)
Both part numbers of the LM77 will operate properly over the +VS supply voltage range of 3V to 5.5V . The devices are tested and
specified for rated accuracy at their nominal supply voltage. Accuracy will typically degrade 1°C/V of variation in +VS as it varies from
the nominal value.
(2)
Typicals are at TA = 25°C and represent most likely parametric norm.
(3)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(4)
9 bits + sign, two's complement
(5)
This specification is provided only to indicate how often temperature data is updated. The LM77 can be read at any time without regard
to conversion state (and will yield last conversion result). If a conversion is in process it will be interrupted and restarted after the end of
the read.
(6)
Hysteresis value adds to the TLOW setpoint value (e.g.: if TLOW setpoint = 10°C, and hysteresis = 2°C, then actual hysteresis point is
10+2 = 12°C); and subtracts from the THIGH and T_CRIT setpoints (e.g.: if THIGH setpoint = 64°C, and hysteresis = 2°C, then actual
hysteresis point is 64
−2 = 62°C). For a detailed discussion of the function of hysteresis refer to Section 1.1, TEMPERATURE
COMPARISON, and Figure 7.
(7)
Default values set at power up.
Logic Electrical Characteristics Digital DC Characteristics
Unless otherwise noted, these specifications apply for +VS=+5 Vdc ±10% for LM77CIM-5, LM77CIMM-5 and +VS=+3.3 Vdc
±10% for LM77CIM-3, LM77CIMM-3. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA= TJ=+25°C, unless
otherwise noted.
Units
Parameter
Test Conditions
Typical(1)
Limits(2)
(Limit)
VIN(1)
SDA and SCL Logical “1” Input Voltage
+VS × 0.7
V (min)
+VS+0.3
V (max)
VIN(0)
SDA and SCL Logical “0” Input Voltage
−0.3
V (min)
+VS × 0.3
V (max)
VIN(1)
A0 and A1 Logical “1” Input Voltage
2.0
V (min)
+VS+0.3
V (max)
VIN(0)
A0 and A1 Logical “0” Input Voltage
−0.3
V (min)
0.8
V (max)
IIN(1)
Logical “1” Input Current
VIN = + VS
0.005
1.0
μA (max)
IIN(0)
Logical “0” Input Current
VIN = 0V
−0.005
−1.0
μA (max)
CIN
Capacitance of All Digital Inputs
20
pF
IOH
Logic “1” Output Leakage Current
VOH = + VS
10
μA (max)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
4
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com