Electronic Components Datasheet Search
  English  ▼

X  

LM77 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM77
Description  LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM77 Datasheet(HTML) 5 Page - Texas Instruments

  LM77 Datasheet HTML 1Page - Texas Instruments LM77 Datasheet HTML 2Page - Texas Instruments LM77 Datasheet HTML 3Page - Texas Instruments LM77 Datasheet HTML 4Page - Texas Instruments LM77 Datasheet HTML 5Page - Texas Instruments LM77 Datasheet HTML 6Page - Texas Instruments LM77 Datasheet HTML 7Page - Texas Instruments LM77 Datasheet HTML 8Page - Texas Instruments LM77 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM77
www.ti.com
SNIS103F – JUNE 1999 – REVISED MARCH 2013
Logic Electrical Characteristics Digital DC Characteristics (continued)
Unless otherwise noted, these specifications apply for +VS=+5 Vdc ±10% for LM77CIM-5, LM77CIMM-5 and +VS=+3.3 Vdc
±10% for LM77CIM-3, LM77CIMM-3. Boldface limits apply for TA = TJ = TMIN to TMAX; all other limits TA= TJ=+25°C, unless
otherwise noted.
Units
Parameter
Test Conditions
Typical(1)
Limits(2)
(Limit)
VOL
Low Level Output Voltage
IOL = 3 mA
0.4
V (max)
T_CRIT_A Output Saturation Voltage
IOUT = 4.0 mA
(3)
0.8
V (max)
T_CRIT_A Delay
1
Conversions
(max)
tOF
Output Fall Time
CL = 400 pF
250
ns (max)
IO = 3 mA
(3)
For best accuracy, minimize output loading. Higher sink currents can affect sensor accuracy with internal heating. This can cause an
error of 0.64°C at full rated sink current and saturation voltage based on junction-to-ambient thermal resistance.
Logic Electrical Characteristics Serial Bus Digital Switching Characteristics
Unless otherwise noted, these specifications apply for +VS=+5 Vdc ±10% for LM77CIM-5 and LM77CIMM-5, +VS=+3.3 Vdc
±10% for LM77CIM-3 and LM77CIMM-3, CL (load capacitance) on output lines = 80 pF unless otherwise specified. Boldface
limits apply for TA = TJ = TMIN to TMAX; all other limits TA = TJ = +25°C, unless otherwise noted.
Units
Parameter
Test Conditions
Typical(1)
Limits(2)(3)
(Limit)
t1
SCL (Clock) Period
2.5
μs(min)
t2
Data in Set-Up Time to SCL High
100
ns(min)
t3
Data Out Stable after SCL Low
0
ns(min)
t4
SDA Low Set-Up Time to SCL Low (Start Condition)
100
ns(min)
t5
SDA High Hold Time after SCL High (Stop Condition)
100
ns(min)
(1)
Typicals are at TA = 25°C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
(3)
Timing specifications are tested at the bus input logic levels (Vin(0)=0.3xVA for a falling edge and Vin(1)=0.7xVA for a rising edge) when
the SCL and SDA edge rates are similar.
Figure 4.
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM77



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com