Electronic Components Datasheet Search
  English  ▼

X  

LM833P Datasheet(PDF) 6 Page - Texas Instruments

Part # LM833P
Description  LM833 Dual High-Speed Audio Operational Amplifier
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM833P Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM833P Datasheet HTML 2Page - Texas Instruments LM833P Datasheet HTML 3Page - Texas Instruments LM833P Datasheet HTML 4Page - Texas Instruments LM833P Datasheet HTML 5Page - Texas Instruments LM833P Datasheet HTML 6Page - Texas Instruments LM833P Datasheet HTML 7Page - Texas Instruments LM833P Datasheet HTML 8Page - Texas Instruments LM833P Datasheet HTML 9Page - Texas Instruments LM833P Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
0
100
200
300
400
500
600
-15
-10
-5
0
5
10
15
VCM – Common Mode Voltage – V
VCC+ = 15 V
VCC– = –15 V
TA = 25°C
0
100
200
300
400
500
600
5
6
7
8
9
10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
VCM = 0 V
TA = 25°C
D.U.T.
Voltage Gain = 50,000
Scope
x 1
RIN = 1.0 MΩ
+
−
100 kΩ
10 Ω
0.1 µF
100 kΩ
0.1 µF
24.3 kΩ
4.7 µF
2.0 kΩ
2.2 µF
22 µF
110 kΩ
4.3 kΩ
1/2
LM833
NOTE: All capacitors are non-polarized.
LM833
SLOS481B – JULY 2010 – REVISED OCTOBER 2014
www.ti.com
7.7 Typical Characteristics
Figure 1. Voltage Noise Test Circuit (0.1 Hz to 10 Hz)
Figure 2. Input Bias Current vs Common-Mode Voltage
Figure 3. Input Bias Current vs Supply Voltage
6
Submit Documentation Feedback
Copyright © 2010–2014, Texas Instruments Incorporated
Product Folder Links: LM833



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com