Electronic Components Datasheet Search
  English  ▼

X  

LM92 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM92
Description  ±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM92 Datasheet(HTML) 5 Page - Texas Instruments

  LM92 Datasheet HTML 1Page - Texas Instruments LM92 Datasheet HTML 2Page - Texas Instruments LM92 Datasheet HTML 3Page - Texas Instruments LM92 Datasheet HTML 4Page - Texas Instruments LM92 Datasheet HTML 5Page - Texas Instruments LM92 Datasheet HTML 6Page - Texas Instruments LM92 Datasheet HTML 7Page - Texas Instruments LM92 Datasheet HTML 8Page - Texas Instruments LM92 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LM92
www.ti.com
SNIS110D – MARCH 2000 – REVISED MARCH 2013
Figure 3. Accuracy vs Temperature with +Vs = 3.3V
Table 1. Temperature Accuracy Parameter Limits
Conditions
+VS=2.7V
+VS=3.3V
+VS=4V
+VS=5V
+VS=5.5V
Unit
T A = −25°C
−1.35/+1.50
−1.25/+1.50
−1.25/+1.50
−1.05/+1.70
−1.05/+1.80
°C (max)
T A = −10°C
±1.00
−0.90/+1.00
−0.90/+1.00
−0.70/+1.20
−0.70/+1.30
°C (max)
T A = 0°C
−0.80/+0.75
−0.70/+0.75
−0.70/+0.75
−0.50/+0.95
−0.50/+1.05
°C (max)
T A = 10°C
−0.60/+0.50
±0.50
±0.50
−0.30/+0.70
−0.30/+0.80
°C (max)
T A = 30°C
−0.43/+0.33
±0.33
±0.33
−0.13/+0.53
−0.13/+0.63
°C (max)
T A = 50°C
−0.60/+0.50
±0.50
±0.50
−0.30/+0.70
−0.30/+0.80
°C (max)
T A = 85°C
−1.10/+0.85
−1.00/+0.85
−1.00/+0.85
−0.80/+1.05
−0.80/+1.15
°C (max)
T A = 125°C
−1.60/+1.25
−1.50/+1.25
±1.25
−1.05/+1.45
−1.05/+1.55
°C (max)
T A = 150°C
±1.90
−1.75/+1.50
±1.50
−1.30/+1.70
−1.30/+1.80
°C (max)
Digital DC Characteristics
Unless otherwise noted, these specifications apply for +VS= +2.7V to +5.5V for LM92CIM . Boldface limits apply for TA = TJ
= TMIN to TMAX; all other limits TA= TJ= +25 °C, unless otherwise noted.
Typical(1)
Limits(2)
Unit
Symbol
Parameter
Conditions
(Limit)
V IN(1)
SDA and SCL Logical “1” Input
+VS × 0.7
V (min)
Voltage
+VS+0.3
V (max)
V IN(0)
SDA and SCL Logical “0” Input
−0.3
V (min)
Voltage
+VS × 0.3
V (max)
VIN(HYST)
SDA and SCL Digital Input Hysteresis
500
250
mV (min)
V IN(1)
A0 and A1 Logical “1” Input Voltage
2.0
V (min)
+VS+0.3
V (max)
V IN(0)
A0 and A1 Logical “0” Input Voltage
−0.3
V (min)
0.7
V (max)
I IN(1)
Logical “1” Input Current
V IN = + VS
0.005
1.0
µA (max)
I IN(0)
Logical “0” Input Current
V IN = 0 V
−0.005
−1.0
µA (max)
C IN
Capacitance of All Digital Inputs
20
pF
I OH
High Level Output Current
V OH = + VS
10
µA (max)
V OL
Low Level Output Voltage
I OL = 3 mA
0.4
V (max)
(1)
Typical values are at TA = 25 °C and represent most likely parametric norm.
(2)
Limits are guaranteed to TI's AOQL (Average Outgoing Quality Level).
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com