Electronic Components Datasheet Search
  English  ▼

X  

LM92 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM92
Description  ±0.33°C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM92 Datasheet(HTML) 1 Page - Texas Instruments

  LM92 Datasheet HTML 1Page - Texas Instruments LM92 Datasheet HTML 2Page - Texas Instruments LM92 Datasheet HTML 3Page - Texas Instruments LM92 Datasheet HTML 4Page - Texas Instruments LM92 Datasheet HTML 5Page - Texas Instruments LM92 Datasheet HTML 6Page - Texas Instruments LM92 Datasheet HTML 7Page - Texas Instruments LM92 Datasheet HTML 8Page - Texas Instruments LM92 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LM92
www.ti.com
SNIS110D – MARCH 2000 – REVISED MARCH 2013
±0.33°C Accurate, 12-Bit + Sign Temperature Sensor and Thermal Window Comparator
With Two-Wire Interface
Check for Samples: LM92
1
FEATURES
DESCRIPTION
The LM92 is a digital temperature sensor and thermal
23
•
Window Comparison Simplifies Design of
window comparator with an I2C™ Serial Bus interface
ACPI-Compatible Temperature Monitoring and
and an accuracy of ±0.33°C. The window-comparator
Control
architecture of the LM92 eases the design of
•
Serial Bus Interface
temperature
control
systems.
The
open-drain
Interrupt (INT) output becomes active whenever
•
Separate Open-Drain Outputs for Interrupt and
temperature goes outside a programmable window,
Critical Temperature Shutdown
while
a
separate
Critical
Temperature
Alarm
•
Shutdown Mode to Minimize Power
(T_CRIT_A)
output
becomes
active
when
the
Consumption
temperature exceeds a programmable critical limit.
•
Up to Four LM92s can be Connected to a
The INT output can operate in either a comparator or
Single Bus
event mode, while the T_CRIT_A output operates in
comparator mode only.
•
12-Bit + Sign Output
The host can program both the upper and lower limits
•
Operation up to 150°C
of the window as well as the critical temperature limit.
Programmable Hysteresis as well as a fault queue
APPLICATIONS
are available to minimize false tripping. Two pins (A0,
•
HVAC
A1) are available for address selection. The sensor
•
Medical Electronics
powers up with default thresholds of 2°C THYST, 10°C
TLOW, 64°C THIGH, and 80°C T_CRIT.
•
Electronic Test Equipment
The LM92's 2.7V to 5.5V supply voltage range, Serial
•
System Thermal Management
Bus interface, 12-bit + sign output, and full-scale
•
Personal Computers
range of over 128°C make it ideal for a wide range of
•
Office Electronics
applications. These include thermal management and
•
Automotive
protection
applications
in
personal
computers,
electronic
test
equipment,
office
electronics,
automotive, medical and HVAC applications.
KEY SPECIFICATIONS
•
Supply Voltage 2.7V to 5.5V
•
Supply Current operating 350
μA (typ) 625 μA
(max) shutdown 5
μA (typ)
•
Temperature Accuracy
–
30°C, ±0.33°C (max)
–
10°C to 50°C, ±0.50°C (max)
–
−10°C to 85°C, ±1.0°C (max)
–
125°C, ±1.25°C (max)
–
−25°C to 150°C, ±1.5°C (max)
•
Linearity ±0.5°C (max)
•
Resolution 0.0625°C
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
I2C is a trademark of dcl_owner.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM92

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM92 NSC-LM92 Datasheet
396Kb / 18P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM92 TI-LM92 Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM92 TI-LM92 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
logo
List of Unclassifed Man...
LM922 ETC2-LM922 Datasheet
118Kb / 1P
50 OHM COAXIAL CABLE
More results

Similar Description - LM92

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM76 NSC-LM76 Datasheet
311Kb / 15P
짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 NSC-LM77 Datasheet
373Kb / 17P
9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92 Datasheet
396Kb / 18P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 NSC-LM92_05 Datasheet
808Kb / 17P
짹0.33째C Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
logo
Texas Instruments
LM76CHM-5 TI1-LM76CHM-5 Datasheet
1Mb / 22P
LM76 짹0.5째C, 짹1째C, 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92CIMX TI-LM92CIMX Datasheet
1Mb / 25P
0.33 Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
LM77CIMX-3 TI1-LM77CIMX-3 Datasheet
1Mb / 23P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM76 TI-LM76_15 Datasheet
1Mb / 22P
Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM77 TI-LM77_15 Datasheet
1Mb / 24P
LM77 9-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface
LM92 TI-LM92_15 Datasheet
1Mb / 25P
Accurate, 12-Bit Sign Temperature Sensor and Thermal Window Comparator With Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com