Electronic Components Datasheet Search
  English  ▼

X  

LM335 Datasheet(PDF) 8 Page - Texas Instruments

Part # LM335
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM335 Datasheet HTML 4Page - Texas Instruments LM335 Datasheet HTML 5Page - Texas Instruments LM335 Datasheet HTML 6Page - Texas Instruments LM335 Datasheet HTML 7Page - Texas Instruments LM335 Datasheet HTML 8Page - Texas Instruments LM335 Datasheet HTML 9Page - Texas Instruments LM335 Datasheet HTML 10Page - Texas Instruments LM335 Datasheet HTML 11Page - Texas Instruments LM335 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
www.ti.com
7 Detailed Description
7.1 Overview
Applications for the LM135 include almost any type of temperature sensing over a
−55°C to 150°C temperature
range. The low impedance and linear output make interfacing to readout or control circuitry especially easy.
The LM135 operates over a
−55°C to 150°C temperature range while the LM235 operates over a −40°C to
125°C temperature range. The LM335 operates from
−40°C to 100°C.
Operating as a 2-terminal zener, the LM135 has a breakdown voltage directly proportional to absolute
temperature at 10 mV/°K. With less than 1-
Ω dynamic impedance, the device operates over a current range of
400
μA to 5 mA with virtually no change in performance. When calibrated at 25°C, the LM135 has typically less
than 1°C error over a 100°C temperature range. Unlike other sensors, the LM135 has a linear output.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Temperature Calibration Using ADJ Pin
Included on the LM135 chip is an easy method of calibrating the device for higher accuracies. A pot connected
across the LM135 with the arm tied to the adjustment terminal (as shown in Figure 12) allows a 1-point
calibration of the sensor that corrects for inaccuracy over the full temperature range.
This single point calibration works because the output of the LM135 is proportional to absolute temperature with
the extrapolated output of sensor going to 0-V output at 0 K (
−273.15°C). Errors in output voltage versus
temperature are only slope (or scale factor) errors so a slope calibration at one temperature corrects at all
temperatures.
The output of the device (calibrated or uncalibrated) can be expressed as:
where
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com