Electronic Components Datasheet Search
  English  ▼

X  

LM335 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM335
Description  LMx35, LMx35A Precision Temperature Sensors
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM335 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM335 Datasheet HTML 9Page - Texas Instruments LM335 Datasheet HTML 10Page - Texas Instruments LM335 Datasheet HTML 11Page - Texas Instruments LM335 Datasheet HTML 12Page - Texas Instruments LM335 Datasheet HTML 13Page - Texas Instruments LM335 Datasheet HTML 14Page - Texas Instruments LM335 Datasheet HTML 15Page - Texas Instruments LM335 Datasheet HTML 16Page - Texas Instruments LM335 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
LM135, LM135A, LM235, LM235A, LM335, LM335A
www.ti.com
SNIS160E – MAY 1999 – REVISED FEBRUARY 2015
System Examples (continued)
8.3.1 Thermocouple Cold Junction Compensation
Compensation for Grounded Thermocouple
Select R3 for proper thermocouple type
Figure 24. Thermocouple Cold Junction Compensation
THERMO-COUPLE
R3 (±1%)
SEEBECK COEFFICIENT
J
377
Ω
52.3
μV/°C
T
308
Ω
42.8
μV/°C
K
293
Ω
40.8
μV/°C
S
45.8
Ω
6.4
μV/°C
Adjustments: Compensates for both sensor and resistor tolerances
1.
Short LM329B
2.
Adjust R1 for Seebeck Coefficient times ambient temperature (in degrees K) across R3.
3.
Short LM335 and adjust R2 for voltage across R3 corresponding to thermocouple type.
J
14.32 mV
K
11.17 mV
T
11.79 mV
S
1.768 mV
THERMO-COUPLE
R3
R4
SEEBECK COEFFICIENT
J
1.05K
385
Ω
52.3
μV/°C
T
856
Ω
315
Ω
42.8
μV/°C
K
816
Ω
300
Ω
40.8
μV/°C
S
128
Ω
46.3
Ω
6.4
μV/°C
Adjustments:
1.
Adjust R1 for the voltage across R3 equal to the Seebeck Coefficient times ambient temperature in degrees Kelvin.
2.
Adjust R2 for voltage across R4 corresponding to thermocouple.
J
14.32 mV
T
11.79 mV
K
11.17 mV
S
1.768 mV
Copyright © 1999–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM135 LM135A LM235 LM235A LM335 LM335A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com