Electronic Components Datasheet Search
  English  ▼

X  

CFR Datasheet(PDF) 2 Page - YAGEO Corporation

Part # CFR
Description  CARBON FILM RESISTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CFR Datasheet(HTML) 2 Page - YAGEO Corporation

  CFR Datasheet HTML 1Page - YAGEO Corporation CFR Datasheet HTML 2Page - YAGEO Corporation CFR Datasheet HTML 3Page - YAGEO Corporation CFR Datasheet HTML 4Page - YAGEO Corporation CFR Datasheet HTML 5Page - YAGEO Corporation CFR Datasheet HTML 6Page - YAGEO Corporation CFR Datasheet HTML 7Page - YAGEO Corporation CFR Datasheet HTML 8Page - YAGEO Corporation CFR Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
www.yageo.com
Apr. 03, 2024
V.3
Carbon Film Resistors
2
16
Product Specification
CFR
Through Hole Resistors
APPLICATIONS
 All general purpose
applications
 Power applications
FEATURES
 AEC-Q200 qualified
 Wide resistance range
 High stability
 PPAP ready
(CFR-25/CFR50S)
 RoHS compliant &
halogen-free
ORDERING INFORMATION
Part number of the general purpose carbon film resistor are identified by
the series, power rating, tolerance, packing, temperature coefficient,
forming and resistance value.
PART NUMBER
CFR
200
J
T
-
73-
100R
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(1) SERIES NAME
CFR Series
(2) POWER RATING
-12 = 1/6W
25S = 1/4W
-25 = 1/4W
50S = 1/2W
-50 = 1/2W
100 = 1W
2WS = 2W
200 = 2W
3WS = 3W
1WS = 1W
(3) TOLERANCE
G = ±2%
J = ±5%
(4) PACKAGING
R = Reel Pack
T = Box Pack
B = Bulk
(5) TEMPERATURE COEFFICIENT OF RESISTANCE
- = Based on spec , please refer to page 4 Table 2
.
(6) FORMING
26- = 26mm
52- = 52.4mm
73- = 73mm
73G = 73mm,
Φd≧0.6mm
26A = 26mm,
Φd=0.4±0.02mm
26C = 26mm,
Φd=0.5±0.02mm
26G = 26mm,
Φd≧0.6mm
52A = 52.4mm,
Φd=0.4±0.02mm
52B = 52.4mm,
Φd=0.45±0.02mm
52C = 52.4mm,
Φd=0.5±0.02mm
52G = 52.4mm,
Φd≧0.6mm
M = M-Type Forming
MT = MT Type Forming
MB = M-form W/flat
FT = FT Type Forming
F = F Type
FK = FK Type
FFK = F-form Kink
FKK = FKK Type
PN = PANAsert
AV = AVIsert
FB-= FB- Type (for -25&50S)
52H = 52.4mm, non-painting on welding spot
Note:26mm, 52.4mm and 73mm represent dimension A of the axial type,
please refer to the category of AXIAL/REEL TAPE SPECIFICATION for the
detail.
(7) RESISTANCE VALUE
E24 Series
Example:
100R = 100
Ω, 10K = 10,000Ω, 1M = 1,000,000Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com