Electronic Components Datasheet Search
  English  ▼

X  

CFR Datasheet(PDF) 3 Page - YAGEO Corporation

Part # CFR
Description  CARBON FILM RESISTORS
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CFR Datasheet(HTML) 3 Page - YAGEO Corporation

  CFR Datasheet HTML 1Page - YAGEO Corporation CFR Datasheet HTML 2Page - YAGEO Corporation CFR Datasheet HTML 3Page - YAGEO Corporation CFR Datasheet HTML 4Page - YAGEO Corporation CFR Datasheet HTML 5Page - YAGEO Corporation CFR Datasheet HTML 6Page - YAGEO Corporation CFR Datasheet HTML 7Page - YAGEO Corporation CFR Datasheet HTML 8Page - YAGEO Corporation CFR Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
www.yageo.com
Apr. 03, 2024
V.3
Carbon Film Resistors
3
16
Product Specification
CFR
Through Hole Resistors
DIMENSIONS
Unit: mm
Normal
Miniature
L
ψD
H
ψd
CFR-12
CFR 25S
3.4 ± 0.3
1.9 ± 0.2
28 ± 2.0
0.45 ± 0.05
CFR -25
CFR 50S
6.3 ± 0.5
2.4 ± 0.2
28 ± 2.0
0.55 ± 0.05
CFR -50
CFR 1WS
9.0 ± 0.5
3.3 ± 0.3
26 ± 2.0
0.55 ± 0.05
CFR 100
CFR 2WS
11.5 ± 1.0
4.5 ± 0.5
35 ± 2.0
0.8 ± 0.05
CFR 200
CFR 3WS
15.5 ± 1.0
5.0 ± 0.5
33 ± 2.0
0.8 ± 0.05
DERATING CURVE
ELECTRICAL CHARACTERISTICS
TABLE 1
CHARACTERISTICS
CFR
-12
CFR
25S
CFR
-25
CFR
50S
CFR
-50
CFR
1WS
CFR
100
CFR
2WS
CFR
200
CFR
3WS
Power Rating
at 70 °C
1/6W
1/4W
1/4W
1/2W
1/2W
1W
1W
2W
2W
3W
Maximum Working
Voltage
150V
200V
250V
300V
350V
400V
500V
500V
500V
500V
Maximum Overload
Voltage
300V
400V
500V
600V
700V
800V
1000V
1000V
1000V
1000V
Voltage Proof on
Insulation
300V
400V
500V
500V
500V
700V
1000V
1000V
1000V
1000V
Resistance Range
1Ω ~ 10MΩ for E24 series value
Operating Temp.
Range
- 55°C to +155°C
Temperature
Coefficient
see Table 2
Note: For resistance value out of above range is by request.
Rated Power (%)
100
80
60
40
20
20
40
70
100
155
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com