Electronic Components Datasheet Search
  English  ▼

X  

LM4924 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4924
Description  LM4924 Boomer™ Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4924 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4924 Datasheet HTML 8Page - Texas Instruments LM4924 Datasheet HTML 9Page - Texas Instruments LM4924 Datasheet HTML 10Page - Texas Instruments LM4924 Datasheet HTML 11Page - Texas Instruments LM4924 Datasheet HTML 12Page - Texas Instruments LM4924 Datasheet HTML 13Page - Texas Instruments LM4924 Datasheet HTML 14Page - Texas Instruments LM4924 Datasheet HTML 15Page - Texas Instruments LM4924 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
LM4924
SNAS272B – OCTOBER 2004 – REVISED APRIL 2013
www.ti.com
The result is
1/(2
π*20kΩ*20Hz) = 0.397µF
(7)
Use a 0.39µF capacitor, the closest standard value.
The high frequency pole is determined by the product of the desired frequency pole, fH, and the differential gain,
AV. With an AV = 1 and fH = 100kHz, the resulting GBWP = 100kHz which is much smaller than the LM4924
GBWP of 11MHz. This figure displays that if a designer has a need to design an amplifier with higher differential
gain, the LM4924 can still be used without running into bandwidth limitations.
HIGHER GAIN AUDIO AMPLIFIER
The LM4924 is unity-gain stable and requires no external components besides gain-setting resistors, input
coupling capacitors, and proper supply bypassing in the typical application. However, if a very large closed-loop
differential gain is required, a feedback capacitor (Cf) may be needed to bandwidth limit the amplifier. This
feedback capacitor creates a low pass filter that eliminates possible high frequency oscillations. Care should be
taken when calculating the -3dB frequency in that an incorrect combination of Rf and Cf will cause frequency
response roll off before 20kHz. A typical combination of feedback resistor and capacitor that will not produce
audio band high frequency roll off is Rf = 20k
Ω and Cf = 25pF. These components result in a -3dB point of
approximately 320kHz.
12
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM4924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com