Electronic Components Datasheet Search
  English  ▼

X  

LM4924 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4924
Description  LM4924 Boomer™ Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4924 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4924 Datasheet HTML 9Page - Texas Instruments LM4924 Datasheet HTML 10Page - Texas Instruments LM4924 Datasheet HTML 11Page - Texas Instruments LM4924 Datasheet HTML 12Page - Texas Instruments LM4924 Datasheet HTML 13Page - Texas Instruments LM4924 Datasheet HTML 14Page - Texas Instruments LM4924 Datasheet HTML 15Page - Texas Instruments LM4924 Datasheet HTML 16Page - Texas Instruments LM4924 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
LM4924
www.ti.com
SNAS272B – OCTOBER 2004 – REVISED APRIL 2013
REFERENCE DESIGN BOARD and LAYOUT GUIDELINES
VSSOP & SON BOARDS
A.
RPU2 is not required. It is used for test measurement purposes only.
PCB LAYOUT GUIDELINES
This section provides practical guidelines for mixed signal PCB layout that involves various digital/analog power
and ground traces. Designers should note that these are only "rule-of-thumb" recommendations and the actual
results will depend heavily on the final layout.
Minimization of THD
PCB trace impedance on the power, ground, and all output traces should be minimized to achieve optimal THD
performance. Therefore, use PCB traces that are as wide as possible for these connections. As the gain of the
amplifier is increased, the trace impedance will have an ever increasing adverse affect on THD performance. At
unity-gain (0dB) the parasitic trace impedance effect on THD performance is reduced but still a negative factor in
the THD performance of the LM4924 in a given application.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4924



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com