Electronic Components Datasheet Search
  English  ▼

X  

LM4906MMBD Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4906MMBD
Description  LM4906 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4906MMBD Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4906MMBD Datasheet HTML 2Page - Texas Instruments LM4906MMBD Datasheet HTML 3Page - Texas Instruments LM4906MMBD Datasheet HTML 4Page - Texas Instruments LM4906MMBD Datasheet HTML 5Page - Texas Instruments LM4906MMBD Datasheet HTML 6Page - Texas Instruments LM4906MMBD Datasheet HTML 7Page - Texas Instruments LM4906MMBD Datasheet HTML 8Page - Texas Instruments LM4906MMBD Datasheet HTML 9Page - Texas Instruments LM4906MMBD Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
LM4906, LM4906LDBD, LM4906MMBD
SNAS191E – APRIL 2003 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
THD+N vs Frequency
THD+N vs Frequency
VDD = 5V, RL = 8Ω,
VDD = 3V, RL = 8Ω,
f = 1kHz, PWR = 500mW
f = 1kHz, PWR = 250mW
Figure 4.
Figure 5.
THD+N vs Power Out
THD+N vs Power Out
VDD = 5V, RL = 8Ω, f = 1kHz
VDD = 3V, RL = 8Ω, f = 1kHz
Figure 6.
Figure 7.
Power Supply Rejection Ratio
Power Supply Rejection Ratio
vs Frequency
vs Frequency
VDD = 5V, RL = 8Ω
VDD = 3V, RL = 8Ω
Figure 8.
Figure 9.
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4906 LM4906LDBD LM4906MMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com