Electronic Components Datasheet Search
  English  ▼

X  

LM4906MMBD Datasheet(PDF) 8 Page - Texas Instruments

Part # LM4906MMBD
Description  LM4906 1W, Bypass-Capacitor-less Audio Amplifier with Internal Selectable Gain
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4906MMBD Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM4906MMBD Datasheet HTML 4Page - Texas Instruments LM4906MMBD Datasheet HTML 5Page - Texas Instruments LM4906MMBD Datasheet HTML 6Page - Texas Instruments LM4906MMBD Datasheet HTML 7Page - Texas Instruments LM4906MMBD Datasheet HTML 8Page - Texas Instruments LM4906MMBD Datasheet HTML 9Page - Texas Instruments LM4906MMBD Datasheet HTML 10Page - Texas Instruments LM4906MMBD Datasheet HTML 11Page - Texas Instruments LM4906MMBD Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
20
200
2k
20k
1
2
3
4
5
6
7
FREQUENCY (Hz)
0
1PF
0.39PF
0
200
400
600
800
1000
1200
1.5
3.0
4.5
6.0
SUPPLY VOLTAGE (V)
THD+N = 10%
THD+N = 1%
0
2
3
4
5
6
SUPPLY VOLTAGE (V)
200
400
600
800
1000
1200
1400
1600
1800
2000
THD+N = 10%
THD+N = 1%
SUPPLY VOLTAGE (V)
0.0
100.0
200.0
300.0
400.0
500.0
600.0
1.5
2.5
3.5
4.5
5.5
THD+N = 10%
THD+N = 1%
SHUTDOWN VOLTAGE (V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0.0
1.0
2.0
3.0
4.0
LM4906, LM4906LDBD, LM4906MMBD
SNAS191E – APRIL 2003 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics (continued)
Shutdown Hysteresis Voltage
Shutdown Hysteresis Voltage
VDD = 3V, SD Mode = VDD (High)
VDD = 3V, SD Mode = GND (Low)
Figure 16.
Figure 17.
Output Power vs Supply Voltage, RL = 8Ω
Output Power vs Supply Voltage, RL = 32Ω
Figure 18.
Figure 19.
Output Power vs Supply Voltage, RL = 16Ω
Frequency Response vs Input Capacitor Size
Figure 20.
Figure 21.
8
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4906 LM4906LDBD LM4906MMBD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com