Electronic Components Datasheet Search
  English  ▼

X  

LM4928 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4928
Description  LM4928 Boomer™ Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4928 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4928 Datasheet HTML 8Page - Texas Instruments LM4928 Datasheet HTML 9Page - Texas Instruments LM4928 Datasheet HTML 10Page - Texas Instruments LM4928 Datasheet HTML 11Page - Texas Instruments LM4928 Datasheet HTML 12Page - Texas Instruments LM4928 Datasheet HTML 13Page - Texas Instruments LM4928 Datasheet HTML 14Page - Texas Instruments LM4928 Datasheet HTML 15Page - Texas Instruments LM4928 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
0
20
40
60
80
160
0
0.2
0.4
0.6
0.8
1.2
1.4
AMBIENT TEMPRATURE (°C)
100 120 140
200 mm
2
4 in
2
0 in
2
1.0
Note 11
0
20
40
60
80
160
0
0.2
0.4
0.6
0.8
1.2
1.4
AMBIENT TEMPRATURE (°C)
100 120 140
1.0
1 in
2
4 in
2
Note 11
-30
0
30
60
90
180
0
0.5
1.0
1.5
2.0
2.5
3.0
AMBIENT TEMPRATURE (°C)
1 in
2
4 in
2
120
150
Note 11
LM4928
SNAS330E – DECEMBER 2005 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics
(1) (continued)
Power Derating Curve (SD Package)
Power Derating Curve (SD Package)
fin = 1kHz, RL = 8Ω
fin = 1kHz, RL = 4Ω
Figure 34.
Figure 35.
Power Derating Curve (TL Package)
fin = 1kHz, RL = 8Ω
Figure 36.
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4928



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com