Electronic Components Datasheet Search
  English  ▼

X  

LM4928 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM4928
Description  LM4928 Boomer™ Audio Power Amplifier Series 1.2 Watt Stereo Fully Differential Audio Amplifier with RF Suppression and Shutdown Low
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4928 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM4928 Datasheet HTML 9Page - Texas Instruments LM4928 Datasheet HTML 10Page - Texas Instruments LM4928 Datasheet HTML 11Page - Texas Instruments LM4928 Datasheet HTML 12Page - Texas Instruments LM4928 Datasheet HTML 13Page - Texas Instruments LM4928 Datasheet HTML 14Page - Texas Instruments LM4928 Datasheet HTML 15Page - Texas Instruments LM4928 Datasheet HTML 16Page - Texas Instruments LM4928 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
LM4928
www.ti.com
SNAS330E – DECEMBER 2005 – REVISED APRIL 2013
APPLICATION INFORMATION
DIFFERENTIAL AMPLIFIER EXPLANATION
The LM4928 is a fully differential audio amplifier that features differential input and output stages. Internally this is
accomplished by two circuits: a differential amplifier and a common mode feedback amplifier that adjusts the
output voltages so that the average value remains VDD / 2. When setting the differential gain, the amplifier can be
considered to have "halves". Each half uses an input and feedback resistor (Ri1 and RF1) to set its respective
closed-loop gain (see Figure 1). With Ri1 = Ri2 and RF1 = RF2, the gain is set at -RF / Ri for each half per channel.
This results in a differential gain of
AVD = -RF/Ri
(1)
It is extremely important to match the input resistors to each other, as well as the feedback resistors to each
other for best amplifier performance. See the PROPER SELECTION OF EXTERNAL COMPONENTS section for
more information. A differential amplifier works in a manner where the difference between the two input signals is
amplified. In most applications, this would require input signals that are 180° out of phase with each other. The
LM4928 can be used, however, as a single ended input amplifier while still retaining its fully differential benefits.
In fact, completely unrelated signals may be placed on the input pins. The LM4928 simply amplifies the
difference between them.
All of these applications provide what is known as a "bridged mode" output (bridge-tied-load, BTL). This results in
output signals at Vo1 and Vo2 that are 180° out of phase with respect to each other. Bridged mode operation is
different from the single-ended amplifier configuration that connects the load between the amplifier output and
ground. A bridged amplifier design has distinct advantages over the single-ended configuration: it provides
differential drive to the load, thus doubling maximum possible output swing for a specific supply voltage. Four
times the output power is possible compared with a single-ended amplifier under the same conditions. This
increase in attainable output power assumes that the amplifier is not current limited or clipped. In order to choose
an amplifier's closed-loop gain without causing excess clipping, please refer to the Audio Power Amplifier
Design section.
A bridged configuration, such as the one used in the LM4928, also creates a second advantage over single-
ended amplifiers. Since the differential outputs, Vo1 and Vo2, are biased at half-supply, no net DC voltage exists
across the load. This assumes that the input resistor pair and the feedback resistor pair are properly matched
(see PROPER SELECTION OF EXTERNAL COMPONENTS). BTL configuration eliminates the output coupling
capacitor required in single-supply, single-ended amplifier configurations. If an output coupling capacitor is not
used in a single-ended output configuration, the half-supply bias across the load would result in both increased
internal IC power dissipation as well as permanent loudspeaker damage. Further advantages of bridged mode
operation specific to fully differential amplifiers like the LM4928 include increased power supply rejection ratio,
common-mode noise reduction, and click and pop reduction.
EXPOSED-DAP PACKAGE PCB MOUNTING CONSIDERATIONS
The LM4928's exposed-DAP (die attach paddle) package (WSON) provide a low thermal resistance between the
die and the PCB to which the part is mounted and soldered. This allows rapid heat transfer from the die to the
surrounding PCB copper traces, ground plane and, finally, surrounding air. Failing to optimize thermal design
may compromise the LM4928's high power performance and activate unwanted, though necessary, thermal
shutdown protection. The WSON package must have its DAP soldered to a copper pad on the PCB. The DAP's
PCB copper pad is connected to a large plane of continuous unbroken copper. This plane forms a thermal mass
and heat sink and radiation area. Place the heat sink area on either outside plane in the case of a two-sided
PCB, or on an inner layer of a board with more than two layers. Connect the DAP copper pad to the inner layer
or backside copper heat sink area with at least 4 vias thermal via. The via diameter should be 0.012in - 0.013in.
Ensure efficient thermal conductivity by plating-through and solder-filling the vias.
Best thermal performance is achieved with the largest practical copper heat sink area. In all circumstances and
conditions, the junction temperature must be held below 150°C to prevent activating the LM4928's thermal
shutdown protection. The LM4928's power de-rating curve in the Typical Performance Characteristics shows the
maximum power dissipation versus temperature. Example PCB layouts are shown in the Demonstration Board
Layout section. Further detailed and specific information concerning PCB layout, fabrication, and mounting an
WSON package is available from Texas Instruments' package Engineering Group under application note AN-
1187 (SNOA401).
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM4928



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com