Electronic Components Datasheet Search
  English  ▼

X  

LM4970 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM4970
Description  LM4970 Audio Synchronized Color LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4970 Datasheet(HTML) 2 Page - Texas Instruments

  LM4970 Datasheet HTML 1Page - Texas Instruments LM4970 Datasheet HTML 2Page - Texas Instruments LM4970 Datasheet HTML 3Page - Texas Instruments LM4970 Datasheet HTML 4Page - Texas Instruments LM4970 Datasheet HTML 5Page - Texas Instruments LM4970 Datasheet HTML 6Page - Texas Instruments LM4970 Datasheet HTML 7Page - Texas Instruments LM4970 Datasheet HTML 8Page - Texas Instruments LM4970 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
1
2
3
4
5
FILT
VDD
MIN
GND
LIN
14
13
12
11
10
LED1
LED2
LGND
LED3
ADR
6
7
9
8
RIN
I
2
CVDD
SDA
SCL
LED
CURRENT
CONTROL
AUDIO
SYNC
FILTER
I
2
C
BUS
SCL
SDA
ADR
CONTROL
INTERFACE
PWM
RANDOMIZER
VDD or VDDBOOST
VDD
FILT
GND
LGND
LED1
LED2
LED3
I
2
CVDD
I
2
CVDD
MIN
LIN
RIN
VI H
VI L
LM4970
SNVS312D – JANUARY 2005 – REVISED MAY 2013
www.ti.com
Block Diagram
Figure 1. Block Diagram
Connection Diagram
Figure 2. 14 pin NHK Package (Top View)
See Package Number NHK0014A
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com