Electronic Components Datasheet Search
  English  ▼

X  

LM4970 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM4970
Description  LM4970 Audio Synchronized Color LED Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM4970 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM4970 Datasheet HTML 8Page - Texas Instruments LM4970 Datasheet HTML 9Page - Texas Instruments LM4970 Datasheet HTML 10Page - Texas Instruments LM4970 Datasheet HTML 11Page - Texas Instruments LM4970 Datasheet HTML 12Page - Texas Instruments LM4970 Datasheet HTML 13Page - Texas Instruments LM4970 Datasheet HTML 14Page - Texas Instruments LM4970 Datasheet HTML 15Page - Texas Instruments LM4970 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
SCL
SDA
ADR
VDD
FILT
I
2
CVDD
I
2
CVDD
J1
extVDD
I
2
C Interface
6 Pin Header
VDD
RGB LED
RED
GREEN
BLUE
LED1
LED2
LED3
1 PF
Cfilt
Cs
0.1 PF
LED
CURRENT
CONTROL
AUDIO
SYNC
FILTER
CONTROL
INTERFACE
PWM
RANDOMIZER
VDD
GND
LGND
Ci1
Ci2
Ci3
0.22 PF
0.22 PF
0.22 PF
MIN
LIN
RIN
LED1
LED2
LED3
LM4970
SNVS312D – JANUARY 2005 – REVISED MAY 2013
www.ti.com
I
2C PATTERN MODE
The LM4970 features an I2C pattern mode for applications where direct control of the LED outputs is required.
I2C pattern mode is activated by setting the I2C_SEL bit in the Pattern Select Register. The LED1 output duty
cycle can be programmed to 100% by setting the I2C_LED1 bit in the Pattern Select Register. Clearing the
I2C_LED1 bit sets the LED1 output duty cycle to 0%. The LED2 output duty cycle can be programmed to 100%
by setting the I2C_LED2 bit in the Pattern Select Register. Clearing the I2C_LED2 bit sets the LED2 output duty
cycle to 0%. The LED3 output duty cycle can be programmed to 100% by setting the I2C_LED3 bit in the Pattern
Select Register. Clearing the I2C_LED3 bit sets the LED3 output duty cycle to 0%. Color LEDs driven at 100%
duty cycle are fully on, and driven at 0% duty cycle are fully off.
PWM FREQUENCY
The PWM frequency of the color LED drivers is programmed through the PWM_F<1:0> bits of the Frequency
Select Register. The LM4970 features four different PWM frequency settings: 15kHz, 60Hz, 7Hz, and 4Hz. PWM
frequency is analogous to the sampling rate of the audio input signal. A higher PWM frequency setting will result
in a more accurate LED representation of the audio input signal in the audio synchronization mode. However, a
PWM frequency that is set too high will decrease the ON time of the LED which will result in reduced LED
intensity. A PWM frequency setting of 60Hz results in an optimal balance between LED accuracy and intensity.
DRIVING RGB LED MODULES
The LM4970’s PWM LED outputs can be used to drive individual color LEDs or RGB LED modules. When
driving RGB LED modules in audio synchronization mode, the color and intensity of the RGB LED module will be
dependent on the audio input signal. In I2C pattern mode, the RGB LED module can be set to any of seven
distinct colors, based on the status of the I2C_LED1, I2C_LED2, and I2C_LED3 bit settings.
Figure 15. Reference Design Board Schematic
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM4970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com