Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM8207
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8207 Datasheet(HTML) 2 Page - Texas Instruments

  LM8207 Datasheet HTML 1Page - Texas Instruments LM8207 Datasheet HTML 2Page - Texas Instruments LM8207 Datasheet HTML 3Page - Texas Instruments LM8207 Datasheet HTML 4Page - Texas Instruments LM8207 Datasheet HTML 5Page - Texas Instruments LM8207 Datasheet HTML 6Page - Texas Instruments LM8207 Datasheet HTML 7Page - Texas Instruments LM8207 Datasheet HTML 8Page - Texas Instruments LM8207 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
LM8207
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Human Body
2.5 kV
ESD Tolerance(3)
Machine Model
250V
Supply Voltage (VDD - VSS)
18V
Storage Temperature Range
−65°C to +150°C
Junction Temperature(4)
+150°C
Soldering Information
Infrared or Convection (20 sec.)
230°C
Wave Soldering (10 sec.)
260°C
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
(2)
When the output of the VCOM buffer exceeds the supply rails, while sinking or sourcing 100 mA, the VCOM output is susceptible to latch.
(3)
Human body model, 1.5 k
Ω in series with 100 pF. Machine model, 0Ω in series with 200 pF
(4)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
Operating Ratings
(1)
Operating Temperature Range
−40°C to +105°C
Operating Voltage Range
6V to 16V
Package Thermal Resistance,
θJA
(2)
48-Pin TSSOP
84°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is intended to be functional, but specific performance is not ensured. For ensured specifications, see the Electrical
Characteristics tables.
(2)
The maximum power dissipation is a function of TJ(MAX), θJA and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (TJ(MAX) – TA)/θJA. All numbers apply for packages soldered directly onto a PC board.
2
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com