Electronic Components Datasheet Search
  English  ▼

X  

LM8207 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM8207
Description  LM8207 TFT 18 Gamma Buffer VCOM Driver Voltage Reference
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8207 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM8207 Datasheet HTML 8Page - Texas Instruments LM8207 Datasheet HTML 9Page - Texas Instruments LM8207 Datasheet HTML 10Page - Texas Instruments LM8207 Datasheet HTML 11Page - Texas Instruments LM8207 Datasheet HTML 12Page - Texas Instruments LM8207 Datasheet HTML 13Page - Texas Instruments LM8207 Datasheet HTML 14Page - Texas Instruments LM8207 Datasheet HTML 15Page - Texas Instruments LM8207 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
POLARIZER
BOTTOM ITO
PLATE
TOP ITO
PLATE
POLARIZER
TRANSMITTED LIGHT
LIGHT SOURCE
GLASS
SUBSTRATE
LIQUID CRYSTAL
MATERIAL
GLASS
SUBSTRATE
VPIXEL
± POLARITY
LM8207
SNOSAL5A – SEPTEMBER 2005 – REVISED MARCH 2013
www.ti.com
APPLICATION SECTION
INTRODUCTION
The performance capabilities of TFT-LCD’s increase rapidly, with constant improvements such as larger sizes,
higher resolution, and greater brightness. Today’s LCD’s have screen resolutions of over 1 Mega pixel and
higher. The LM8207 can be used to improve the performance of an LCD. It is designed for buffering 18 gamma
voltage levels and driving the VCOM level. These voltage levels can be derived from a highly stable Voltage
Reference, which is included in the LM8207. The LM8207 meets the design requirements that combine technical
improvement with the demand for cost effective solutions.
The following sections discuss the principle operation of a TFT-LCD and the principle operation of the LM8207
which includes sections on each of the following: the Voltage Reference, the Gamma Buffers, and the VCOM
Buffer. After this, the next sections present a typical LM8207 configuration and consider the maximum power
dissipation. The end of this application section introduces the evaluation board and presents layout
recommendations.
PRINCIPLE OPERATION OF A TFT-LCD
This section offers a brief overview of the principle operating of TFT-LCD’s. There is a detailed description of
how information is presented on the display. An explanation of how data is written to the screen pixels and how
the pixels are selected is also included.
Figure 30. Individual LCD Pixel
Figure 30 shows a simplified illustration of an individual LCD pixel. The top and bottom plates of a pixel consist of
Indium-Tin Oxide (ITO), which is a transparent, electrically conductive material. ITO lies on the inner surfaces of
two glass substrates that are the front and back glass panels of a TFT display. Sandwiched between two ITO
plates is an insulating material (liquid crystal). This alters the polarization of light, depending on how much
voltage (VPIXEL) is applied across the two plates. Polarizer’s are placed on the outer surfaces of the two glass
substrates. In combination with the liquid crystal, the polarizer’s create a variable light filter that modulates light
transmitted from the back to the front of a display. A pixel’s bottom plate lies on the backside of a display where
a light source is applied, and the top plate lies on the front, facing the viewer. For most TFT displays, a pixel
transmits the greatest amount of light when VPIXEL ≤ ±0.5 V, and it becomes less transparent as the voltage
increases with either a positive or negative polarity.
For color displays, each pixel is built with three individual sub pixels. Each sub pixel represents a primary color.
These colors are Red, Green and Blue (RGB). Combining these three primary colors every user-defined color
can be created.
Figure 31 shows a simplified diagram of a TFT display, showing how individual pixels are connected to the row,
column and VCOM driver. Each pixel is represented by a capacitor with a NMOS transistor connected to its top
plate. Pixels in a TFT panel are arranged in rows and columns. Row lines are connected to the NMOS gates,
and column lines to the NMOS sources. The back plate of every pixel is connected to a common voltage called
VCOM. The voltage applied to the top plates (also called gamma voltage) controls the pixel brightness. The
12
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM8207



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com