Electronic Components Datasheet Search
  English  ▼

X  

LM8801 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM8801
Description  LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8801 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM8801 Datasheet HTML 15Page - Texas Instruments LM8801 Datasheet HTML 16Page - Texas Instruments LM8801 Datasheet HTML 17Page - Texas Instruments LM8801 Datasheet HTML 18Page - Texas Instruments LM8801 Datasheet HTML 19Page - Texas Instruments LM8801 Datasheet HTML 20Page - Texas Instruments LM8801 Datasheet HTML 21Page - Texas Instruments LM8801 Datasheet HTML 22Page - Texas Instruments LM8801 Datasheet HTML 23Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MECHANICAL DATA
YFQ0006xxx
www.ti.com
TMD06XXX (Rev B)
E
0.600±0.075
D
A. All linear dimensions are in millimeters. Dimensioning and tolerancing per ASME Y14.5M-1994.
B. This drawing is subject to change without notice.
NOTES:
4215075/A
12/12
D: Max =
E: Max =
1.29 mm, Min =
1.09 mm, Min =
1.23 mm
1.03 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com