Electronic Components Datasheet Search
  English  ▼

X  

LM8801 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM8801
Description  LM8801 High Precision 6MHz, 600 mA Synchronous Step-Down DC-DC Converter for Mobile Applications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM8801 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM8801 Datasheet HTML 9Page - Texas Instruments LM8801 Datasheet HTML 10Page - Texas Instruments LM8801 Datasheet HTML 11Page - Texas Instruments LM8801 Datasheet HTML 12Page - Texas Instruments LM8801 Datasheet HTML 13Page - Texas Instruments LM8801 Datasheet HTML 14Page - Texas Instruments LM8801 Datasheet HTML 15Page - Texas Instruments LM8801 Datasheet HTML 16Page - Texas Instruments LM8801 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
V
PP-RMS
=
V
PP-C
2 + V
PP-ESR
2
VPP-C =
4*f*C
IRIPPLE
IRMS = IOUTMAX x
r =
VOUT
VIN
r
2
12
1 -
+
VOUT
VIN
¸¸
¹
·
¨¨
©
§
x
(VIN - VOUT)
VOUT
x
L
f
IOUTMAX
VIN
x
x
x
LM8801
www.ti.com
SNVS597H – APRIL 2009 – REVISED MAY 2013
(2)
The worst case is when VIN = 2 x VOUT.
Table 1. Suggested Inductors and Suppliers
Model
Vendor
Dimensions LxWxH (mm)
MIPSZ2012D0R5
FDK
2.0 x 1.2 x 1.0
LQM21PNR54MG0D
Murata
2.0 x 1.2 x 0.9
HSLI-201208AG-R47
Hitachi Metals
2.0 x 1.2 x 0.8
OUTPUT CAPACITOR SELECTION
Use a 4.7
μF, 6.3V ceramic capacitor, X7R or X5R types; do not use Y5V. DC bias characteristics of ceramic
capacitors must be considered when selecting case sizes 0402 and 0603. DC bias characteristics vary from
manufacturer to manufacturer, and DC bias curves should be requested from them as part of the capacitor
selection process. Minimum output capacitance to ensure good performance is 2.2 µF (for 4.7 µF
capacitor) at 1.8V DC bias including tolerances and over ambient temp range.
The output filter capacitor smooths out current flow from the inductor to the load, helps maintain a steady output
voltage during transient load changes and reduces output voltage ripple. These capacitors must be selected with
sufficient capacitance and sufficiently low ESR to perform these functions.
The output voltage ripple is caused by the charging and discharging of the output capacitor and also due to its
RESR and can be calculated as:
Voltage peak-to-peak ripple due to capacitance =
(3)
Voltage peak-to-peak ripple due to ESR =
VPP-ESR = (2 * IRIPPLE) * RESR
Because these two components are out of phase, the rms value can be used to get an approximate value of
peak-to-peak ripple.
Voltage peak-to-peak ripple, root mean squared =
(4)
Note that the output voltage ripple is dependent on the current ripple and the equivalent series resistance of the
output capacitor (RESR). The RESR is frequency dependent (as well as temperature dependent); make sure the
value used for calculations is at the switching frequency of the part.
Table 2 lists suggested capacitors and suppliers.
Table 2. Suggested Capacitors and Suppliers
Case Size
Model
Vendor
Inch (mm)
GRM155R60J225ME15 (CIN)
Murata
0402 (1005)
JMK105BJ225MV-F (CIN)
Taiyo Yuden
0402 (1005)
CL05A475MQ5NRNC (CIN or COUT)
Samsung
0402 (1005)
Copyright © 2009–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM8801



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com