Electronic Components Datasheet Search
  English  ▼

X  

LMT87 Datasheet(PDF) 4 Page - Texas Instruments

Part # LMT87
Description  LMT84 1.5-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT87 Datasheet(HTML) 4 Page - Texas Instruments

  LMT87 Datasheet HTML 1Page - Texas Instruments LMT87 Datasheet HTML 2Page - Texas Instruments LMT87 Datasheet HTML 3Page - Texas Instruments LMT87 Datasheet HTML 4Page - Texas Instruments LMT87 Datasheet HTML 5Page - Texas Instruments LMT87 Datasheet HTML 6Page - Texas Instruments LMT87 Datasheet HTML 7Page - Texas Instruments LMT87 Datasheet HTML 8Page - Texas Instruments LMT87 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
VDD
GND
Scale: 4:1
3
1
2
Scale: 4:1
Scale: 4:1
LMT84
GND
OUT
VDD
GND
GND
4
5
1
2
3
4
LMT84
SNIS167E – MARCH 2013 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMT84
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
6 Pin Configuration and Functions
DCK Package
5-Pin SOT (SC70)
(Top View)
LPG Package
3-Pin TO-92S
(Top View)
LP Package
3-Pin TO-92
(Top View)
LPM Package
3-Pin TO-92
(Top View)
(1)
Direct connection to the back side of the die
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
SOT (SC70)
TO-92
TO-92S
EQUIVALENT CIRCUIT
FUNCTION
GND
1, 2(1) , 5
3
2
Ground
N/A
Power Supply Ground
OUT
3
2
1
Analog
Output
Outputs a voltage that is inversely
proportional to temperature
VDD
4
1
3
Power
N/A
Positive Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com