Electronic Components Datasheet Search
  English  ▼

X  

LMT87 Datasheet(PDF) 9 Page - Texas Instruments

Part # LMT87
Description  LMT84 1.5-V, SC70/TO-92/TO-92S, Analog Temperature Sensors
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT87 Datasheet(HTML) 9 Page - Texas Instruments

Back Button LMT87 Datasheet HTML 5Page - Texas Instruments LMT87 Datasheet HTML 6Page - Texas Instruments LMT87 Datasheet HTML 7Page - Texas Instruments LMT87 Datasheet HTML 8Page - Texas Instruments LMT87 Datasheet HTML 9Page - Texas Instruments LMT87 Datasheet HTML 10Page - Texas Instruments LMT87 Datasheet HTML 11Page - Texas Instruments LMT87 Datasheet HTML 12Page - Texas Instruments LMT87 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
Thermal Diodes
OUT
VDD
GND
9
LMT84
www.ti.com
SNIS167E – MARCH 2013 – REVISED OCTOBER 2017
Product Folder Links: LMT84
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LMT84 is an analog output temperature sensor. The temperature-sensing element is comprised of a simple
base emitter junction that is forward biased by a current source. The temperature-sensing element is then
buffered by an amplifier and provided to the OUT pin. The amplifier has a simple push-pull output stage thus
providing a low impedance output source.
8.2 Functional Block Diagram
Full-Range Celsius Temperature Sensor (
−50°C to +150°C)
8.3 Feature Description
8.3.1 LMT84 Transfer Function
The output voltage of the LMT84, across the complete operating temperature range, is shown in Table 3. This
table is the reference from which the LMT84 accuracy specifications (listed in the Accuracy Characteristics
section) are determined. This table can be used, for example, in a host processor look-up table. A file containing
this data is available for download at the LMT84 product folder under Tools and Software Models.
Table 3. LMT84 Transfer Table
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
TEMP
(°C)
VOUT
(mV)
–50
1299
-10
1088
30
871
70
647
110
419
–49
1294
-9
1082
31
865
71
642
111
413
–48
1289
-8
1077
32
860
72
636
112
407
–47
1284
-7
1072
33
854
73
630
113
401
–46
1278
-6
1066
34
849
74
625
114
396
–45
1273
-5
1061
35
843
75
619
115
390
–44
1268
-4
1055
36
838
76
613
116
384
–43
1263
-3
1050
37
832
77
608
117
378
–42
1257
-2
1044
38
827
78
602
118
372
–41
1252
-1
1039
39
821
79
596
119
367
–40
1247
0
1034
40
816
80
591
120
361
–39
1242
1
1028
41
810
81
585
121
355
–38
1236
2
1023
42
804
82
579
122
349



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com