Electronic Components Datasheet Search
  English  ▼

X  

636 Datasheet(PDF) 2 Page - CTS Corporation

Part # 636
Description  HCMOS/TTL Clock Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

636 Datasheet(HTML) 2 Page - CTS Corporation

  636 Datasheet HTML 1Page - CTS Corporation 636 Datasheet HTML 2Page - CTS Corporation 636 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Document No. 008-0250-0
Page 2 - 3
Rev. I
Model 636
5.0mm x 3.2mm Low Cost
HCMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Maximum Supply Voltage
VCC
-
-0.5
-
7.0
V
Storage Temperature
TSTG
-
-55
-
125
°C
Frequency Range
fO
-1.0
-
160
MHz
Frequency Stability
[See Note 1and Ordering Information]
∆f/fO
-
-
-
20,25, 50 or 100
±ppm
Aging
∆f/fO
-
-
-
3
±ppm/yr
Operating Temperature
Commercial
-20
70
Industrial
-40
85
Supply Voltage
Model 636M
1.62
1.8
1.98
Model 636N
2.25
2.5
2.75
Model 636L
2.97
3.3
3.63
Model 636S
4.50
5.0
5.50
Supply Current
CL = 15pF
Model 636M
1.0MHz to 34.999MHz
-
-
5
[+1.8V]
35MHz to 60MHz
-
-
12
60.001MHz to 99.999MHz
-
-
18
100MHz to 106.250MHz
-
-
20
106.251MHz to 160MHz
-
-
30
Model 636N
1.0MHz to 34.999MHz
-
-
5
[+2.5V]
35MHz to 60MHz
-
-
18
60.001MHz to 99.999MHz
-
-
25
100MHz to 106.250MHz
-
-
30
106.251MHz to 160MHz
-
-
35
Model 636L
1.0MHz to 34.999MHz
-
-
6
[+3.3V]
35MHz to 60MHz
-
-
20
60.001MHz to 99.999MHz
-
-
30
100MHz to 106.250MHz
-
-
35
106.251MHz to 160MHz
-
-
40
Model 636S
1.0MHz to 34.999MHz
-
-
12
[+5.0]
35MHz to 60MHz
-
-
30
60.001MHz to 99.999MHz
-
-
45
100MHz to 106.250MHz
-
-
50
Output Load
Model 636M
1.0MHz to 160MHz
-
-
15
Model 636N & 636L
1.0MHz to 50MHz
-
-
30
50.001MHz to 160MHz
15
Model 636S
1.0MHz to 50MHz
-
-
50
50.001MHz to 80MHz
30
80.001MHz to 106.250MHz
15
Output Voltage Levels
Logic '1' Level
VOH
CMOS Load
90%VCC
--
Logic '0' Level
VOL
CMOS Load
-
-
10%VCC
Output Current
Logic '1' Level [M,N,L,S]
IOH
VOH = 90%VCC
-
-
-2, -4, -8, -16
Logic '0' Level [M,N,L,S]
IOL
VOL = 10%VCC
-
-
+2, +4, +8, +16
Output Duty Cycle
SYM
@ 50% Level
45
-
55
%
Rise and Fall Time
@ 10% - 90% Levels, CL = 15pF
Model 636M, 636N & 636L
1.0MHz to 50MHz
-
-
5
50.001MHz to 125MHz
-
-
4
125.001MHz to 160MHz
-
-
2
Model 636S
1.0MHz to 20MHz
-
-
5
20.001MHz to 50MHz
-
-
4
50.001MHz to 106.250MHz
-
-
2
Start Up Time
TS
Application of VCC
--
3
ms
Period Jitter, Pk-Pk
pjpk-pk
-
-
-
50
Period Jitter, RMS
pjrms
-
-
-
12
Phase Jitter, RMS
tjrms
Bandwidth 12kHz - 20MHz
-
0.5
1
Notes:
1.
CL
ns
V
mA
°C
25
TA
-
Inclusive of initial tolerance at time of shipment, changes in supply voltage, load, temperature and aging.
ps
VCC
± 10 %
mA
V
pF
ICC
TR, TF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com