Electronic Components Datasheet Search
  English  ▼

X  

636 Datasheet(PDF) 3 Page - CTS Corporation

Part # 636
Description  HCMOS/TTL Clock Oscillator
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

636 Datasheet(HTML) 3 Page - CTS Corporation

  636 Datasheet HTML 1Page - CTS Corporation 636 Datasheet HTML 2Page - CTS Corporation 636 Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Document No. 008-0250-0
Page 3 - 3
Rev. I
Model 636
5.0mm x 3.2mm Low Cost
HCMOS/TTL Clock Oscillator
ELECTRICAL CHARACTERISTICS
LVCMOS OUTPUT WAVEFORM
TEST CIRCUIT, CMOS LOAD
ENABLE TRUTH TABLE
MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Enable Function
Enable Input Voltage
Model 636M
Pin 1 Logic '1', Output Enabled
1.26
-
-
Model 636N
Pin 1 Logic '1', Output Enabled
1.75
-
-
Model 636L
Pin 1 Logic '1', Output Enabled
2.0
-
-
Model 636S
Pin 1 Logic '1', Output Enabled
4.0
-
-
Disable Input Voltage
Model 636M,636N,636L
Pin 1 Logic '0', Output Disabled
-
-
0.3
Model 636S
Pin 1 Logic '0', Output Disabled
-
-
0.8
Enable Time (M,N,L,S)
TPLZ
Pin 1 Logic '1'
-
-
10
ms
Standby Current
IST
Pin 1 Logic '0', Output Disabled
-
-
10
µA
V
VIL
VIH
MARKING INFORMATION
1. ** - Manufacturing Site Code.
2. YWW – Date code, Y – year, WW – week.
3. XXXMXXXX – Frequency is marked with only
leading significant digits before the ‘M’ and 4 digits
after the ‘M’ [including zeros].
Ex. XXMXXXX [62M5000]
XXXMXXXX [155M5200]
PACKAGE DRAWING
NOTES
1. JEDEC termination code (e4). Barrier-plating is
nickel [Ni] with gold [Au] flash plate.
2. Reflow conditions per JEDEC J-STD-020, +260°C
maximum, 20 seconds.
3. MSL = 1.
SUGGESTED SOLDER PAD GEOMETRY
CBYPASS should be ≥ 0.01 uF.
D.U.T. PIN ASSIGNMENTS
PIN
SYMBOL
DESCRIPTION
1
EOH
Enable
2
GND
Circuit & Package Ground
3
Output
RF Output
4
VCC
Supply Voltage
PIN 1
PIN 3
Logic ‘1’
Output
Open
Output
Logic ‘0’
High Imp.
CTS**YWW
● XXXMXXXX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com