Electronic Components Datasheet Search
  English  ▼

X  

LMT87LP.B Datasheet(PDF) 6 Page - Texas Instruments

Part # LMT87LP.B
Description  LMT87 2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT87LP.B Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMT87LP.B Datasheet HTML 2Page - Texas Instruments LMT87LP.B Datasheet HTML 3Page - Texas Instruments LMT87LP.B Datasheet HTML 4Page - Texas Instruments LMT87LP.B Datasheet HTML 5Page - Texas Instruments LMT87LP.B Datasheet HTML 6Page - Texas Instruments LMT87LP.B Datasheet HTML 7Page - Texas Instruments LMT87LP.B Datasheet HTML 8Page - Texas Instruments LMT87LP.B Datasheet HTML 9Page - Texas Instruments LMT87LP.B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
6
LMT87
SNIS170E – JANUARY 2014 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMT87
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Accuracy is defined as the error between the measured and reference output voltages, tabulated in the Transfer Table at the specified
conditions of supply gain setting, voltage, and temperature (expressed in °C). Accuracy limits include line regulation within the specified
conditions. Accuracy limits do not include load regulation; they assume no DC load.
7.5 Accuracy Characteristics
These limits do not include DC load regulation. These stated accuracy limits are with reference to the values in Table 3.
PARAMETER
CONDITIONS
MIN(1)
TYP
MAX(1)
UNIT
Temperature accuracy(2)
70°C to 150°C; VDD = 3.0 V to 5.5 V
–2.7
±0.4
2.7
°C
20°C to 40°C; VDD = 2.7 V to 5.5 V
±0.6
°C
20°C to 40°C; VDD = 3.4 V to 5.5 V
±0.3
°C
0°C; VDD = 3.0 V to 5.5 V
–2.7
±0.6
2.7
°C
0°C; VDD = 3.6 V to 5.5 V
±0.3
°C
–50°C; VDD = 3.6 V to 5.5 V
–2.7
±0.6
2.7
°C
–50°C; VDD = 4.2 V to 5.5 V
±0.3
°C
(1)
Limits are specific to TI's AOQL (Average Outgoing Quality Level).
(2)
Typicals are at TJ = TA = 25°C and represent most likely parametric norm.
(3)
Source currents are flowing out of the LMT87. Sink currents are flowing into the LMT87.
(4)
Line regulation (DC) is calculated by subtracting the output voltage at the highest supply voltage from the output voltage at the lowest
supply voltage. The typical DC line regulation specification does not include the output voltage shift discussed in Output Voltage Shift.
(5)
Specified by design and characterization.
7.6 Electrical Characteristics
Unless otherwise noted, these specifications apply for +VDD = 2.7 V to 5.5 V. MIN and MAX limits apply for TA = TJ = TMIN to
TMAX ; typical limits apply for TA = TJ = 25°C.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP (2)
MAX (1)
UNIT
Sensor gain (output transfer
function slope)
–13.6
mV/°C
Load regulation(3)
Source
≤ 50 μA, (VDD – VOUT) ≥ 200 mV
–1
–0.22
mV
Sink
≤ 50 μA, VOUT ≥ 200 mV
0.26
1
mV
Line regulation(4)
200
μV/V
IS
Supply current
TA = 30°C to 150°C, (VDD – VOUT) ≥ 100 mV
5.4
8.1
μA
TA = –50°C to 150°C, (VDD – VOUT) ≥ 100 mV
5.4
9
μA
CL
Output load capacitance
1100
pF
Power-on time(5)
CL= 0 pF to 1100 pF
0.7
1.9
ms
Output drive
TA = TJ = 25°C
–50
50
μA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com