Electronic Components Datasheet Search
  English  ▼

X  

LMT87LP.B Datasheet(PDF) 8 Page - Texas Instruments

Part # LMT87LP.B
Description  LMT87 2.7-V, SC70/TO-92/TO-92S, Analog Temperature Sensors With Class-AB Output
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LMT87LP.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMT87LP.B Datasheet HTML 4Page - Texas Instruments LMT87LP.B Datasheet HTML 5Page - Texas Instruments LMT87LP.B Datasheet HTML 6Page - Texas Instruments LMT87LP.B Datasheet HTML 7Page - Texas Instruments LMT87LP.B Datasheet HTML 8Page - Texas Instruments LMT87LP.B Datasheet HTML 9Page - Texas Instruments LMT87LP.B Datasheet HTML 10Page - Texas Instruments LMT87LP.B Datasheet HTML 11Page - Texas Instruments LMT87LP.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
TIME (s)
0
20
40
60
80
100
0
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
D003
LMT8xLPG
Thermistor
8
LMT87
SNIS170E – JANUARY 2014 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: LMT87
Submit Documentation Feedback
Copyright © 2014–2017, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 7. Change in VOUT vs Overhead Voltage
Figure 8. Supply-Noise Gain vs Frequency
Figure 9. Output Voltage vs Supply Voltage
Figure 10. LMT87LPG Thermal Response vs Common
Leaded Thermistor With 1.2-m/s Airflow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com