Electronic Components Datasheet Search
  English  ▼

X  

LM551 Datasheet(PDF) 21 Page - Texas Instruments

Part # LM551
Description  LMV55x 3-MHz, Micropower RRO Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM551 Datasheet(HTML) 21 Page - Texas Instruments

Back Button LM551 Datasheet HTML 17Page - Texas Instruments LM551 Datasheet HTML 18Page - Texas Instruments LM551 Datasheet HTML 19Page - Texas Instruments LM551 Datasheet HTML 20Page - Texas Instruments LM551 Datasheet HTML 21Page - Texas Instruments LM551 Datasheet HTML 22Page - Texas Instruments LM551 Datasheet HTML 23Page - Texas Instruments LM551 Datasheet HTML 24Page - Texas Instruments LM551 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
21
LMV551, LMV552, LMV554
www.ti.com
SNOSAQ5H – FEBRUARY 2007 – REVISED AUGUST 2016
Product Folder Links: LMV551 LMV552 LMV554
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
9 Power Supply Recommendations
For proper operation, the power supplies must be properly decoupled. For decoupling the supply lines, TI
recommends that 10-nF capacitors be placed as close as possible to the op amp power supply pins. For single-
supply, place a capacitor between V+ and V− supply leads. For dual supplies, place one capacitor between V+
and ground, and one capacitor between V- and ground.
10 Layout
10.1 Layout Guidelines
The V+ pin should be bypassed to ground with a low-ESR capacitor.
The optimum placement is closest to the V+ and ground pins.
Take care to minimize the loop area formed by the bypass capacitor connection between V+ and ground.
The ground pin should be connected to the PCB ground plane at the pin of the device.
The feedback components should be placed as close to the device as possible minimizing strays.
10.2 Layout Example
Figure 32. SOT-23 Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com