Electronic Components Datasheet Search
  English  ▼

X  

LM551 Datasheet(PDF) 11 Page - Texas Instruments

Part # LM551
Description  LMV55x 3-MHz, Micropower RRO Amplifiers
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM551 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM551 Datasheet HTML 7Page - Texas Instruments LM551 Datasheet HTML 8Page - Texas Instruments LM551 Datasheet HTML 9Page - Texas Instruments LM551 Datasheet HTML 10Page - Texas Instruments LM551 Datasheet HTML 11Page - Texas Instruments LM551 Datasheet HTML 12Page - Texas Instruments LM551 Datasheet HTML 13Page - Texas Instruments LM551 Datasheet HTML 14Page - Texas Instruments LM551 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
2.7
3.4
4.1
4.8
5.5
VS (V)
-2
-1.5
-1
0
2
1
1.5
125qC
25qC
-40qC
-0.5
0.5
0
1
2
3
4
5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VCM (V)
VS = 5V
-40qC
25qC
125qC
2.7
3.4
4.1
4.8
5.5
VS (V)
20
25
30
35
50
40
45
PER CHANNEL
125°C
25°C
-40°C
0
0.5
1
1.5
2
2.5
-2
-1.5
-1
-0.5
0
0.5
1
1.5
2
VCM (V)
VS = 3V
-40qC
25qC
125qC
10
100
1k
10k
100k
0.001
0.01
0.1
FREQUENCY (Hz)
1
RL = 10 k:
RL = 100 k:
VS = 5V
AV = +2
VOUT = 2 VPP
10
100
1k
10k
100k
0.001
0.01
0.1
FREQUENCY (Hz)
1
RL = 10 k:
RL = 100 k:
VS = 3V
AV = +2
VOUT = 1 VPP
11
LMV551, LMV552, LMV554
www.ti.com
SNOSAQ5H – FEBRUARY 2007 – REVISED AUGUST 2016
Product Folder Links: LMV551 LMV552 LMV554
Submit Documentation Feedback
Copyright © 2007–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Figure 13. THD+N vs Amplitude
Figure 14. THD+N vs Amplitude
Figure 15. Supply Current vs Supply Voltage
Figure 16. VOS vs VCM
Figure 17. VOS vs VCM
Figure 18. VOS vs Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com