Electronic Components Datasheet Search
  English  ▼

X  

LP5996 Datasheet(PDF) 5 Page - Texas Instruments

Part # LP5996
Description  LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5996 Datasheet(HTML) 5 Page - Texas Instruments

  LP5996 Datasheet HTML 1Page - Texas Instruments LP5996 Datasheet HTML 2Page - Texas Instruments LP5996 Datasheet HTML 3Page - Texas Instruments LP5996 Datasheet HTML 4Page - Texas Instruments LP5996 Datasheet HTML 5Page - Texas Instruments LP5996 Datasheet HTML 6Page - Texas Instruments LP5996 Datasheet HTML 7Page - Texas Instruments LP5996 Datasheet HTML 8Page - Texas Instruments LP5996 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LP5996
www.ti.com
SNVS415C – NOVEMBER 2006 – REVISED MAY 2013
Electrical Characteristics
(1) (2) (continued)
Unless otherwise noted, VEN = 950mV, VIN = VOUT + 1.0V, or 2.0V, whichever is higher, where VOUT is the higher of VOUT1 and
VOUT2. CIN = 1 µF, IOUT = 1 mA, COUT1 = COUT2 = 1.0µF.
Typical values and limits appearing in normal type apply for TA = 25°C. Limits appearing in boldface type apply over the full
junction temperature range for operation,
−40 to +125°C.
Limit
Parameter
Test Conditions
Typ
Units
Min
Max
PSRR
Power Supply Rejection
f = 1kHz, IOUT = 1mA
LDO1
58
Ratio(5)
to 150mA
LDO2
70
CBYP = 10nF
dB
f = 20kHz, IOUT =
LDO1
45
1mA to 150mA
LDO2
60
CBYP = 10nF
en
Output noise Voltage(5)
BW = 10Hz to
VOUT = 0.8V
36
100kHz
µVRMS
VOUT = 3.3V
75
CBYP = 10nF
TSHUTDOWN
Thermal Shutdown
Temperature
160
°C
Hysteresis
20
Enable Control Characteristics
IEN
Input Current at VEN1 or VEN2
VEN = 0.0V
0.005
0.1
µA
VEN = 6V
2
5
VIL
Low Input Threshold
0.4
V
VIH
High Input Threshold
0.95
V
Timing Characteristics
TON
Turn On Time (5)
To 95% Level
300
µs
CBYP = 10nF
Transient
Line Transient Response
Trise = Tfall = 10µs
20
Response
|
δVOUT|
(5)
δVIN = 1VCBYP = 10nF
Load Transient Response
Trise = Tfall = 1µs
LDO 1
mV
175
|
δVOUT|
(5)
IOUT = 1mA to 150mA
(pk - pk)
LDO 2
150
IOUT = 1mA to 300mA
(5)
This electrical specification is ensured by design.
Output Capacitor, Recommended Specifications
Limit
Parameter
Test Conditions
Nom
Units
Min
Max
COUT
Output Capacitance
Capacitance
1.0
0.7
µF
(1)
ESR
5
500
m
Ω
(1)
The Capacitor tolerance should be 30% or better over temperature. The full operating conditions for the application should be
considered when selecting a suitable capacitor to ensure that the minimum value of capacitance is always met. Recommended
capacitor is X7R. However, depending on the application, X5R, Y5V and Z5U can also be used. (See capacitor section in Applications
Hints).
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LP5996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com