Electronic Components Datasheet Search
  English  ▼

X  

LP5996 Datasheet(PDF) 11 Page - Texas Instruments

Part # LP5996
Description  LP5996 Dual Linear Regulator with 300mA and 150mA Outputs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LP5996 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LP5996 Datasheet HTML 7Page - Texas Instruments LP5996 Datasheet HTML 8Page - Texas Instruments LP5996 Datasheet HTML 9Page - Texas Instruments LP5996 Datasheet HTML 10Page - Texas Instruments LP5996 Datasheet HTML 11Page - Texas Instruments LP5996 Datasheet HTML 12Page - Texas Instruments LP5996 Datasheet HTML 13Page - Texas Instruments LP5996 Datasheet HTML 14Page - Texas Instruments LP5996 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
LP5996
www.ti.com
SNVS415C – NOVEMBER 2006 – REVISED MAY 2013
SAFE AREA OF OPERATION
Due consideration should be given to operating conditions to avoid excessive thermal dissipation of the LP5996
or triggering its thermal shutdown circuit. When both outputs are enabled, the total power dissipation will be
PD(LDO1) + PD(LDO2) where PD = (VIN - VOUT) x IOUT for each LDO
In general, device options which have a large difference in output voltage will dissipate more power with both
outputs enabled, due to the input voltage required for the higher output voltage LDO. In such cases, especially at
elevated ambient temperature, it may not be possible to operate both outputs at maximum current at the same
time.
Copyright © 2006–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LP5996



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com