Electronic Components Datasheet Search
  English  ▼

X  

LM2665 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2665
Description  MAX660 Switched Capacitor Voltage Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2665 Datasheet(HTML) 2 Page - Texas Instruments

  LM2665 Datasheet HTML 1Page - Texas Instruments LM2665 Datasheet HTML 2Page - Texas Instruments LM2665 Datasheet HTML 3Page - Texas Instruments LM2665 Datasheet HTML 4Page - Texas Instruments LM2665 Datasheet HTML 5Page - Texas Instruments LM2665 Datasheet HTML 6Page - Texas Instruments LM2665 Datasheet HTML 7Page - Texas Instruments LM2665 Datasheet HTML 8Page - Texas Instruments LM2665 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
2
MAX660
SNOS405B – NOVEMBER 1999 – REVISED MAY 2017
www.ti.com
Product Folder Links: MAX660
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Tables................................... 3
6
Pin Configuration and Functions ......................... 4
7
Specifications......................................................... 5
7.1
Absolute Maximum Ratings ...................................... 5
7.2
ESD Ratings ............................................................ 5
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
Typical Characteristics .............................................. 7
8
Parameter Measurement Information .................. 9
8.1
MAX660 Test Circuit ................................................. 9
9
Detailed Description ............................................ 10
9.1
Overview ................................................................. 10
9.2
Functional Block Diagram ....................................... 10
9.3
Feature Description................................................. 11
9.4
Device Functional Modes........................................ 11
10
Application and Implementation........................ 12
10.1
Application Information.......................................... 12
10.2
Typical Applications ............................................. 12
10.3
Split V+ in Half ...................................................... 18
11
Power Supply Recommendations ..................... 18
12
Layout................................................................... 19
12.1
Layout Guidelines ................................................. 19
12.2
Layout Example .................................................... 19
13
Device and Documentation Support ................. 20
13.1
Device Support...................................................... 20
13.2
Receiving Notification of Documentation Updates 20
13.3
Community Resources.......................................... 20
13.4
Trademarks ........................................................... 20
13.5
Electrostatic Discharge Caution ............................ 20
13.6
Glossary ................................................................ 20
14
Mechanical, Packaging, and Orderable
Information ........................................................... 20
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (October 2016) to Revision B
Page
•
Changed Figure 5 caption from "Efficiency vs Oscillator Frequency" to "Efficiency vs Load Current" ................................. 7
Changes from Original (SNOS405) to Revision A
Page
•
Added additional info to DescriptionDevice Information and Pin Configuration and Functions sections, ESD Ratings
and Thermal Information tables, Feature Description, Device Functional Modes, Application and Implementation,
Power Supply Recommendations, Layout, Device and Documentation Support, and Mechanical, Packaging, and
Orderable Information sections .............................................................................................................................................. 1
•
Deleted obsolete device number information from Device Comparison table ...................................................................... 3
•
Deleted lead temperature spec from Abs Max as it is in POA .............................................................................................. 5
•
Added additional thermal values; changed RθJA from "170°C/W" to "114.4°C/W" ................................................................. 5
•
Changed "PL" to "PM" and "PF" to PJ" - manufacturers changed their part number prefix ............................................... 14
•
Changed "Sprague" to "Vishay Sprague" per website ........................................................................................................ 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com