Electronic Components Datasheet Search
  English  ▼

X  

LM2665 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2665
Description  MAX660 Switched Capacitor Voltage Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2665 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2665 Datasheet HTML 8Page - Texas Instruments LM2665 Datasheet HTML 9Page - Texas Instruments LM2665 Datasheet HTML 10Page - Texas Instruments LM2665 Datasheet HTML 11Page - Texas Instruments LM2665 Datasheet HTML 12Page - Texas Instruments LM2665 Datasheet HTML 13Page - Texas Instruments LM2665 Datasheet HTML 14Page - Texas Instruments LM2665 Datasheet HTML 15Page - Texas Instruments LM2665 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
12
MAX660
SNOS405B – NOVEMBER 1999 – REVISED MAY 2017
www.ti.com
Product Folder Links: MAX660
Submit Documentation Feedback
Copyright © 1999–2017, Texas Instruments Incorporated
10 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
10.1 Application Information
The MAX660 CMOS charge-pump voltage converter is a versatile, unregulated switched-capacitor inverter or
doubler. Operating from a wide 1.5-V to 5.5-V supply voltage, the MAX660 uses two low-cost capacitors to
provide 100 mA of output current without the cost, size, and EMI related to inductor-based converters. With an
operating current of only 120 µA and operating efficiency greater than 90% at most loads, the MAX660 provides
ideal performance for battery-powered systems. MAX660 devices can be operated directly in parallel to lower
output impedance, thus providing more current at a given voltage.
10.2 Typical Applications
10.2.1 Voltage Inverter
Figure 14. MAX660 Voltage Inverter
10.2.1.1 Design Requirements
For typical switched capacitor applications, use the parameters in Table 2:
Table 2. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage
5.5 V (maximum)
Negative output voltage
–1.5 V to –5.5 V
Output current
100 mA
10.2.1.2 Detailed Design Procedure
The main application of MAX660 is to generate a negative supply voltage. The voltage inverter circuit uses only
two external capacitors as shown in the Figure 14. The range of the input supply voltage is 1.5 V to 5.5 V. For a
supply voltage less than 3.5 V, the LV pin must be connected to ground to bypass the internal regulator circuitry.
This gives the best performance in low-voltage applications. If the supply voltage is greater than 3.5 V, LV may
be connected to ground or left open. The choice of leaving LV open simplifies the direct substitution of the
MAX660 for the LMC7660 switched capacitor voltage converter.
The output characteristics of this circuit can be approximated by an ideal voltage source in series with a resistor.
The voltage source equals
−(V+). The output resistance Rout is a function of the ON resistance of the internal
MOS switches, the oscillator frequency, and the capacitance and ESR of C1 and C2. A good approximation is:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com