Electronic Components Datasheet Search
  English  ▼

X  

FPF2103 Datasheet(PDF) 4 Page - ON Semiconductor

Part # FPF2103
Description  IntelliMAX™ Advanced Load Management Products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2103 Datasheet(HTML) 4 Page - ON Semiconductor

  FPF2103 Datasheet HTML 1Page - ON Semiconductor FPF2103 Datasheet HTML 2Page - ON Semiconductor FPF2103 Datasheet HTML 3Page - ON Semiconductor FPF2103 Datasheet HTML 4Page - ON Semiconductor FPF2103 Datasheet HTML 5Page - ON Semiconductor FPF2103 Datasheet HTML 6Page - ON Semiconductor FPF2103 Datasheet HTML 7Page - ON Semiconductor FPF2103 Datasheet HTML 8Page - ON Semiconductor FPF2103 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
3
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
Absolute Maximum Ratings
Recommended Operating Range
Electrical Characteristics
VIN = 1.8 to 5.5V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 3.3V and TA = 25°C.
Parameter
Min
Max
Unit
VIN, VOUT, ON, FLAGB to GND
-0.3
6
V
Power Dissipation @ TA = 25°C (note 1)
667
mW
Operating Junction Temperature
-40
125
°C
Storage Temperature
-65
150
°C
Thermal Resistance, Junction to Ambient
150
°C/W
Electrostatic Discharge Protection
HBM
4000
V
MM
400
V
Parameter
Min
Max
Unit
VIN
1.8
5.5
V
Ambient Operating Temperature, TA
-40
85
°C
Parameter
Symbol
Conditions
Min Typ Max Units
Basic Operation
Operating Voltage
VIN
1.8
5.5
V
Quiescent Current
IQ
IOUT = 0mA
VIN = 1.8 to 3.3V
95
µA
VON active
VIN = 3.3 to 5.5V
110
200
Shutdown Current
ISHDN
1µA
Latch-Off Current (note 2)
ILATCHOFF
VON = VIN, after an overcurrent fault
50
µA
On-Resistance
RON
VIN = 3.3V, IOUT = 50mA, TA = 25°C
125
160
mΩ
VIN = 3.3V, IOUT = 50mA, TA = 85°C
150
200
VIN = 3.3V, IOUT = 50mA, TA = -40°C to +85°C
65
200
ON Input Logic High Voltage
VIH
VIN = 1.8V
0.75
V
VIN = 5.5V
1.30
ON Input Logic Low Voltage
VIL
VIN = 1.8V
0.5
V
VIN = 5.5V
1.0
ON Input Leakage
VON = VIN or GND
1
µA
Off Switch Leakage
ISWOFF
VON = 0V, VOUT = 0V
@ VIN = 5.5V, TA = 85°C
1µA
VON = 0V, VOUT = 0V
@ VIN = 3.3V, TA = 25°C
10
100
nA
FLAGB Output Logic Low Voltage
VIN = 5V, ISINK = 10mA
0.1
0.2
V
VIN = 1.8V, ISINK = 10mA
0.15
0.3
FLAGB Output High Leakage Current
VIN = 5V, Switch on
1
µA
Protections
Current Limit
ILIM
VIN = 3.3V,
VOUT = 3.0V
FPF2100, FPF2101,
FPF2102, FPF2103
200
300
400
mA
FPF2104, FPF2105,
FPF2106, FPF2107
400
600
800
Thermal Shutdown
Shutdown Threshold
140
°C
Return from Shutdown
130
Hysteresis
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com