Electronic Components Datasheet Search
  English  ▼

X  

FPF2103 Datasheet(PDF) 9 Page - ON Semiconductor

Part # FPF2103
Description  IntelliMAX™ Advanced Load Management Products
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FPF2103 Datasheet(HTML) 9 Page - ON Semiconductor

Back Button FPF2103 Datasheet HTML 5Page - ON Semiconductor FPF2103 Datasheet HTML 6Page - ON Semiconductor FPF2103 Datasheet HTML 7Page - ON Semiconductor FPF2103 Datasheet HTML 8Page - ON Semiconductor FPF2103 Datasheet HTML 9Page - ON Semiconductor FPF2103 Datasheet HTML 10Page - ON Semiconductor FPF2103 Datasheet HTML 11Page - ON Semiconductor FPF2103 Datasheet HTML 12Page - ON Semiconductor FPF2103 Datasheet HTML 13Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
8
www.fairchildsemi.com
FPF2100-FPF2107 Rev. H
Typical Characteristics
Figure 19. Short Circuit Response Time
Figure 20. Current Limit Response
(Output Shorted to GND)
(Switch power up to hard short)
Figure 21. Current Limit Response Time
(Output Shorted to GND by 10Ω, moderate short)
Note 3: VDRV signal forces the device to go into overcurrent condition.
VIN
2V / DIV
IOUT
5A/DIV
VOUT
2V/DIV
20µS/DIV
50µS/DIV
VIN/VON
2V/DIV
IOUT
200mA/DIV
VIN = VON
Active High Devices
CIN = 10µF
COUT = 0.1µF
VIN
2V/DIV
VON
2V/DIV
IOUT
200mA/DIV
50µS/DIV
Active High Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com