Electronic Components Datasheet Search
  English  ▼

X  

DS1184 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # DS1184
Description  DULUX S 11 W/840
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS1184 Datasheet(HTML) 1 Page - OSRAM GmbH

  DS1184 Datasheet HTML 1Page - OSRAM GmbH DS1184 Datasheet HTML 2Page - OSRAM GmbH DS1184 Datasheet HTML 3Page - OSRAM GmbH DS1184 Datasheet HTML 4Page - OSRAM GmbH DS1184 Datasheet HTML 5Page - OSRAM GmbH DS1184 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Product benefits
Extremly economical
Good quality of light
Extremely low profile
Long service life
Improved maintenance
Product features
Average life: 10,000 h
Color rendering index Ra for lamps with white light: 80…89
Also available in red, green and blue
Short and compact pin-base lamps with single-turn tubes
Single-ended two-pin plug-in G23 base
Product datasheet
DULUX S 11 W/840
OSRAM DULUX S | Short CFLni, with 2-pin base for CCG operation
Areas of application
Ideal for cost-effective creative illumination and
decoration
Offices, public buildings
Shops
Supermarkets and department stores
Hotels, restaurants
__
August 25, 2014, 16:43:47
© 2014, OSRAM GmbH. All rights reserved.
DULUX S 11 W/840
Page 1 of 6


Similar Part No. - DS1184

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
Standard ceramic 3535 footprint delivering high efficacy at high-drive current
logo
Synology Inc.
DS118 SYNOLOGY-DS118 Datasheet
528Kb / 5P
DiskStation DS118
logo
Maxim Integrated Produc...
DS1181L MAXIM-DS1181L Datasheet
158Kb / 5P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Rev 0; 11/07
DS1181L MAXIM-DS1181L Datasheet
543Kb / 6P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
19-7502; Rev 2; 2/15
DS1181LE+ MAXIM-DS1181LE+ Datasheet
158Kb / 5P
20MHz to 134MHz Spread-Spectrum Clock Modulator for LCD Panels
Rev 0; 11/07
More results

Similar Description - DS1184

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7495SA STMICROELECTRONICS-TDA7495SA_07 Datasheet
331Kb / 15P
11 W 11 W amplifier with DC volume control
Dec-2007
logo
Adels-Contact
332004 ADELS-332004 Datasheet
122Kb / 1P
GSK 840 V/ 4
332005 ADELS-332005 Datasheet
111Kb / 1P
GSK 840 V/ 5
332102 ADELS-332102 Datasheet
120Kb / 1P
GSK 840 VO/ 2
332103 ADELS-332103 Datasheet
121Kb / 1P
GSK 840 VO/ 3
332104 ADELS-332104 Datasheet
122Kb / 1P
GSK 840 VO/ 4
332105 ADELS-332105 Datasheet
111Kb / 1P
GSK 840 VO/ 5
332106 ADELS-332106 Datasheet
125Kb / 1P
GSK 840 VO/ 6
332403 ADELS-332403 Datasheet
120Kb / 1P
GSK 840 H/ 3
332404 ADELS-332404 Datasheet
111Kb / 1P
GSK 840 H/ 4
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com