Electronic Components Datasheet Search
  English  ▼

X  

DS1184 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # DS1184
Description  DULUX S 11 W/840
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

DS1184 Datasheet(HTML) 5 Page - OSRAM GmbH

  DS1184 Datasheet HTML 1Page - OSRAM GmbH DS1184 Datasheet HTML 2Page - OSRAM GmbH DS1184 Datasheet HTML 3Page - OSRAM GmbH DS1184 Datasheet HTML 4Page - OSRAM GmbH DS1184 Datasheet HTML 5Page - OSRAM GmbH DS1184 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Guarantee
Equipment / Accessories
Suitable for operation on conventional control gear
Circuit diagram
Circuit diagram
Logistical Data
Product code
Product description
Packaging unit
(Pieces/Unit)
Dimensions (height x
width x length)
Volume
Gross weight
4050300010618
DULUX S 11 W/840
Folding carton box
1
36 mm x 26 mm x
239 mm
0.22 dm³
48.30 g
4050300239507
DULUX S 11 W/840
Shipping carton box
10
111 mm x 133 mm x
219 mm
3.23 dm³
536.00 g
4050300239477
DULUX S 11 W/840
Unpacked
1
43 mm x 23 mm x
242 mm
0.24 dm³
49.17 g
4050300239484
DULUX S 11 W/840
Shipping carton box
50
240 mm x 190 mm x
261 mm
11.90 dm³
2659.35 g
4052899213395
DULUX S 11 W/840
Folding carton box
1
- x - x -
4052899213401
DULUX S 11 W/840
Shipping carton box
261 mm x 190 mm x
11.90 dm³
2440.00 g
Product datasheet
__
August 25, 2014, 16:43:47
© 2014, OSRAM GmbH. All rights reserved.
DULUX S 11 W/840
Page 5 of 6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com