Electronic Components Datasheet Search
  English  ▼

X  

AM2611 Datasheet(PDF) 2 Page - Texas Instruments

Part # AM2611
Description  AM261x Sitara™ Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2611 Datasheet(HTML) 2 Page - Texas Instruments

  AM2611 Datasheet HTML 1Page - Texas Instruments AM2611 Datasheet HTML 2Page - Texas Instruments AM2611 Datasheet HTML 3Page - Texas Instruments AM2611 Datasheet HTML 4Page - Texas Instruments AM2611 Datasheet HTML 5Page - Texas Instruments AM2611 Datasheet HTML 6Page - Texas Instruments AM2611 Datasheet HTML 7Page - Texas Instruments AM2611 Datasheet HTML 8Page - Texas Instruments AM2611 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 214 page
background image
General Connectivity:
• 6x Universal Asynchronous RX-TX (UART)
• 4x Serial Peripheral Interface (SPI) controllers
• 3x Local Interconnect Network (LIN) ports
• 3x Inter-Integrated Circuit (I2C) ports
• 2x Modular Controller Area Network (MCAN)
modules with CAN-FD support
• 1x Fast Serial Interface Transmitter (FSITX)
• 1x Fast Serial Interface Receiver (FSIRX)
• Up to 141x General Purpose I/O (GPIO) pins
Sensing and Actuation:
• Real-time Control Subsystem (CONTROLSS)
• Flexible Input/Output Crossbars (XBAR)
• 3x 12-bit Analog to Digital Converters (ADC) with 3
MSPS maximum sampling rate
– Each ADC module with
• 7x Single ended channels OR
• 3x Differential channels
– Highly configurable ADC digital logic
• With selectable internal or external
reference
• 4x Post-Processing blocks for each ADC
module
• 9x Analog Comparators with internal 12-bit DAC
reference (CMPSSA)
• 1x 12 bit Digital to Analog Converter (DAC)
• 10x Enhanced High Resolution Pulse Width
Modulation (eHRPWM) modules
– Single or Dual PWM channels
– Advanced PWM Configurations
– Enhanced HRPWM time resolution
• 8x Enhanced Capture (ECAP) modules
• 2x Enhanced Quadrature Encoder Pulse (EQEP)
modules
• 2x Sigma-Delta Filter Modules (SDFM)
Data Storage
• 1 × 4-bit Multi-Media Card/Secure Digital
(MMC/SD) interface
Security:
• Hardware Security Module (HSM) with support for
Auto SHE 1.1/EVITA
• Targeted for ISO 21434 compliance
• Secure boot support
– Device Take Over Protection
– Hardware enforced root-of-trust
– Authenticated boot
– SW Anti-rollback protection
• Debug security
– Secure device debug only after proper
authentication
– Ability to disable device debug functionality
• Device ID and Key Management
– Support for OTP Memory (FUSEROM)
• Store root keys and other security fields
– Separate EFUSE controllers and FUSE ROMs
– Unique Device Public Identifiers
• Memory Protection Units (MPU)
– Dedicated Arm® MPU per Cortex®-R5F core
– System MPU - present at various interfaces in
the SoC (MPU or Firewall)
– 8 to 16 Programmable Regions
• Enable/Privilege ID
• Start/End Address
• Read/Write/Cachable
• Secure/Non-Secure
• Cryptographic acceleration
– Cryptographic cores with DMA Support
– AES - 128/192/256-bit key sizes
– SHA2 - 256/384/512-bit support
– DRBG with pseudo and true random number
generator
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com