Electronic Components Datasheet Search
  English  ▼

X  

AM2611 Datasheet(PDF) 67 Page - Texas Instruments

Part # AM2611
Description  AM261x Sitara™ Microcontrollers
PDF  214 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

AM2611 Datasheet(HTML) 67 Page - Texas Instruments

Back Button AM2611 Datasheet HTML 63Page - Texas Instruments AM2611 Datasheet HTML 64Page - Texas Instruments AM2611 Datasheet HTML 65Page - Texas Instruments AM2611 Datasheet HTML 66Page - Texas Instruments AM2611 Datasheet HTML 67Page - Texas Instruments AM2611 Datasheet HTML 68Page - Texas Instruments AM2611 Datasheet HTML 69Page - Texas Instruments AM2611 Datasheet HTML 70Page - Texas Instruments AM2611 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 214 page
background image
Table 5-32. GPMC0 Signal Descriptions (continued)
Signal Name [1]
Pin
Type
[2]
Description [3]
ZCZ PIN [4]
ZFG PIN [4]
ZEJ PIN [4]
ZNC PIN [4]
GPMC0_AD7
IO
GPMC Data 7 Input/Output in
A/D non-multiplexed mode and
additionally Address 8 Output in A/D
multiplexed mode
D11
D15
B13
B14
GPMC0_AD8
IO
GPMC Data 8 Input/Output in
A/D non-multiplexed mode and
additionally Address 9 Output in A/D
multiplexed mode
B9, E1
B11, F2
D8, E3
B10, E3
GPMC0_AD9
IO
GPMC Data 9 Input/Output in
A/D non-multiplexed mode and
additionally Address 10 Output in A/D
multiplexed mode
R16
Y17
R15
V16
GPMC0_AD10
IO
GPMC Data 10 Input/Output in
A/D non-multiplexed mode and
additionally Address 11 Output in A/D
multiplexed mode
D14
C16
A15
GPMC0_AD11
O
GPMC Data 11 Input/Output in
A/D non-multiplexed mode and
additionally Address 12 Output in A/D
multiplexed mode
N1
R2
M2
N2
GPMC0_AD12
O
GPMC Data 12 Input/Output in
A/D non-multiplexed mode and
additionally Address 13 Output in A/D
multiplexed mode
N4
R1
N1
N1
GPMC0_AD13
IO
GPMC Data 13 Input/Output in
A/D non-multiplexed mode and
additionally Address 14 Output in A/D
multiplexed mode
D13
B17
C14
GPMC0_AD14
IO
GPMC Data 14 Input/Output in
A/D non-multiplexed mode and
additionally Address 15 Output in A/D
multiplexed mode
A15
B18
B15
GPMC0_AD15
IO
GPMC Data 15 Input/Output in
A/D non-multiplexed mode and
additionally Address 16 Output in A/D
multiplexed mode
H2
H1
E1
F1
GPMC0_BE0n_CLE
O
GPMC Lower-Byte Enable (active
low) or Command Latch Enable
C13
A17
A14
A16
GPMC0_BE1n
O
GPMC Upper-Byte Enable (active
low)
B11
C12
A11
B11
GPMC0_CSn0
O
GPMC Chip Select 0 (active low)
A14, B8
B10, B16
B8, C13
A10, A15
GPMC0_CSn1
O
GPMC Chip Select 1 (active low)
G3
H2
E2
E1
GPMC0_CSn2
O
GPMC Chip Select 2 (active low)
U18
Y19
R16
W18
GPMC0_CSn3
O
GPMC Chip Select 3 (active low)
T18
W19
N14
V18
GPMC0_WAIT0
I
GPMC External Indication of Wait
C9
D11
B9
GPMC0_WAIT1
I
GPMC External Indication of Wait
C7
C7
C8
C9
(1)
The RXACTIVE bit of the MSS_IOMUX:PR0_PRU0_GPO9_CFG_REG register must be set to 0x1 and the TX_DIS bit of the
MSS_IOMUX:PR0_PRU0_GPO9_CFG_REG register must be reset to 0x0 when GPMC0 is operating in synchronous mode.
(2)
GPMC0_CLKLB is a clock loopback signal used internally for retiming purposes.
www.ti.com
AM2612, AM2611, AM2611-Q1, AM2612-Q1
SPRSPA7C – SEPTEMBER 2024 – REVISED JULY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: AM2612 AM2611 AM2611-Q1 AM2612-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com